Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 15Page - STMicroelectronics STLC3075_09 Datasheet HTML 16Page - STMicroelectronics STLC3075_09 Datasheet HTML 17Page - STMicroelectronics STLC3075_09 Datasheet HTML 18Page - STMicroelectronics STLC3075_09 Datasheet HTML 19Page - STMicroelectronics STLC3075_09 Datasheet HTML 20Page - STMicroelectronics STLC3075_09 Datasheet HTML 21Page - STMicroelectronics STLC3075_09 Datasheet HTML 22Page - STMicroelectronics STLC3075_09 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
STLC3075
Application information
19/36
Table 12.
External components for flyback configuration
Name
Function
Formula
Typ. value
RRX
Rx input bias resistor
100 k
Ω 5%
RREF
Bias setting current
RREF = 1.3/Ibias; Ibias = 50 µA
26 k
Ω 1%
CSVR
Negative battery filter
CSVR = 1/(2
π ⋅ fp ⋅ 1.8 MΩ)
fp = 50 Hz
1.5 nF 10 % 100 V
RD
Ring trip threshold setting
resistor
RD = 100/IRTH
2k
Ω < RD < 5 kΩ
4.12 k
Ω 1% @ IRTH = 24 mA
CAC
AC/DC split capacitance
22 µF 20% 15 V @ RD = 4.12 k
Ω
RP
Line protection resistor
Rp > 30
Ω
50
Ω 1%
RLIM
Current limiting programming
RLIM = 1300/Ilim
32.5 k
Ω < RLIM < 65 kΩ
52.3 k
Ω 1% @ Ilim = 25 mA
RTH
Off-hook threshold
programming (Active mode)
RTH = 290/ITH
27 k
Ω < RTH < 52 kΩ
32.4 k
Ω 1% @ I
TH = 9 mA
CREV
Reverse polarity transition
time programming
CREV = ((1/3750)·
ΔT/ΔV
TR)
22 nF 10% 10 V @ 12 V/ms
RDD
Pull up resistors
100 k
Ω
CVCC
Internally supply filter
capacitor
100 nF 20 % 10 V
CVPOS
Positive supply filter capacitor
with low impedance for switch
mode power supply
100 µF(1)
CV
Battery supply filter capacitor
with low impedance for switch
mode power supply
100 µF 20 % 100 V(2)
CVB
High frequency noise filter
470 nF 20% 100 V
CRD(3)
High frequency noise filter
100 nF 10% 15 V
CZ
Flyback compensation
capacitor
2.2 nF, 20 %
CSF
Sense filter capacitor
120 pF, 20 %
RSF
Sense filter resistor
1 k
Ω
RSENSE
DC/DC converter peak
current limiting
RSENSE = 375 mV/IPK
220 m
Ω @ I
PK = 1.7 A
Q1
DC/DC converter switch N
channel MOS transistor
RDS(ON)
≤0.05 Ω,
VDSS = 30 V
VDG=30 V, ID = 6.5 A
Low threshold drive
STN4NF03L or equivalent
D1
DC/DC converter series
diode
Vr > 350 V, tRR ≤ 80 ns
SMBYTW01-400 or equivalent
T1
DC/DC converter transformer
Flyback transformer 4W, turns ratio
1:16 for VPOS range from 4.5 V to
8.5 V
Tyco COEV MAGNETICS
MGPWG-00007
or Coilcraft FA2469-AL(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com