Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 16Page - STMicroelectronics STLC3075_09 Datasheet HTML 17Page - STMicroelectronics STLC3075_09 Datasheet HTML 18Page - STMicroelectronics STLC3075_09 Datasheet HTML 19Page - STMicroelectronics STLC3075_09 Datasheet HTML 20Page - STMicroelectronics STLC3075_09 Datasheet HTML 21Page - STMicroelectronics STLC3075_09 Datasheet HTML 22Page - STMicroelectronics STLC3075_09 Datasheet HTML 23Page - STMicroelectronics STLC3075_09 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Application information
STLC3075
20/36
T1
DC/DC converter transformer
Flyback transformer 4W, turns ratio
1:8 for VPOS range from 8.5 V to
12 V
Tyco COEV MAGNETICS
MGPWG-00008
or Coilcraft FA2470-AL(5)
RF1
Negative battery
programming level
250 k
Ω <RF1 < 300 kΩ(6)
300 k
Ω 1% @ V
BATR = -70 V
RF2
Negative battery
programming level
9.1 k
Ω 1%
1.
CVPOS should be defined depending on the power supply current capability and maximum allowable ripple.
2.
For low ripple application use 2x47m F in parallel.
3.
Can be saved if proper PCB layout avoid noise coupling on RD pin (high impedance input).
4.
Coilcraft type FA2469-AL, Flyback transformer 4W, 1:16 with a VPOS range from 4.5V to 8.5V @ +20°C unless otherwise
specified. Also check Table 13 for further electrical specifications
5.
Coilcraft type FA2470-AL, Flyback transformer 4W, 1:8 with a VPOS range from 8.5V to 12V @ +20°C unless otherwise
specified. Also check Table 14 for further electrical specifications
6.
RF1 sets the self generated battery voltage in RING and ACTIVE(Il=0) mode as as shown in Table 11.
VBATR should be defined considering the ring peak level required (Vringpeak=VBATR - 6 V typ.). This relation is valid
providing that the VPOS power supply current capability and the RSENSE programming allow to source all the current
requested by the particular ringer load configuration.
Table 12.
External components for flyback configuration
Name
Function
Formula
Typ. value
Table 13.
Coilcraft type FA2469-AL electrical specifications
Test description
Limit
Unit
Tol.
Notes
Inductance
0.0205
mH
Max
1-3, 10KHz, 100 mVmrs
Leakage inductance
0.414
uH
Max
1-3, 100KHz, 100 mVmrs
Short pins 4,6
DC resistance
0.036
ohm
Max
1-3
DC resistance
16.50
ohm
Max
4-6
Turns ratio
16:1
-
+/-4%
(4-6):(1-3), 10KHz, 100mVAC
HI POT
1.500
VAC
VDC to be applied for 1 second
from pins 1,3 to pins 4,6.
500
μA max leakage current
Table 14.
Coilcraft type FA2470-AL electrical specifications
Test description
Limit
Unit
Tol.
Notes
Inductance
0.0205
mH
Max
1-3, 10 kHz, 100 mVmrs
Leakage inductance
0.40
uH
Max
1-3, 100 kHz, 100 mVmrs
Short pins 4,6
DC resistance
0.036
ohm
Max
1-3
DC resistance
7.92
ohm
Max
4-6
Turns ratio
8:1
-
+/-3.3%
(4-6):(1-3), 10 kHz, 100 mVAC
HI POT
1.500
VAC
VDC to be applied for 1 second
from pins 1,3 to pins 4,6.
500 µA max leakage current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com