Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 12Page - STMicroelectronics STLC3075_09 Datasheet HTML 13Page - STMicroelectronics STLC3075_09 Datasheet HTML 14Page - STMicroelectronics STLC3075_09 Datasheet HTML 15Page - STMicroelectronics STLC3075_09 Datasheet HTML 16Page - STMicroelectronics STLC3075_09 Datasheet HTML 17Page - STMicroelectronics STLC3075_09 Datasheet HTML 18Page - STMicroelectronics STLC3075_09 Datasheet HTML 19Page - STMicroelectronics STLC3075_09 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
Application information
STLC3075
16/36
5
Application information
5.1
Layout recommendation
A properly designed PCB layout is a basic issue to guarantee a correct behavior and good
noise performance.
Particular care must be taken on the ground connection. Using the configurations shown on
Figure 10 and Figure 11 permits to avoid possible problems.
The ground of the power supply (VPOS) has to be connected to the center of the star, named
as SYSTEM-GND. This point should show a resistance as low as possible, that means it
should be a ground plane.
In particular to avoid noise problems the layout should prevent any coupling between the
DC/DC converter components and analog pins that are referred to AGND (ex: RD, IREF,
RTH, RLIM, VF). As a first recommendation the components CV, L, T1, D1, CVPOS, RSENSE
should be kept as close as possible to each other and isolated from the other components.
Additional improvements can be obtained
–
by decoupling the center of the star from the analog ground of STLC3075 using
small chokes
–
by adding a capacitor in the range of 100 nF between VPOS and AGND in order to
filter the switch frequency on VPOS
5.2
External components list
In order to properly define the external components value the following system parameters
have to be defined:
●
the AC input impedance shown by the SLIC at the line terminals Zs to which the return
loss measurement is referred. It can be real (typ. 600
Ω) or complex.
●
the AC balance impedance, it is the equivalent impedance of the line ‘Zl’ used for
evaluation of the trans-hybrid loss performances (2/4 wire conversion). It is usually a
complex impedance.
●
the value of the two protection resistors Rp in series with the line termination.
●
the line impedance at the TTX frequency Zlttx
●
the metering pulse level amplitude measured at line termination VLOTTX. In case of low
order filtering, VLOTTX represents the amplitude (Vrms) of the fundamental frequency
component (typ. 12 or 16 kHz)
●
the pulse metering envelope rise and decay time constant
τ
●
the slope of the ringing waveform
ΔV
TR/ΔT
●
the value of the constant current limit current ’Ilim’
●
the value of the off-hook current threshold ITH
●
the value of the ring trip rectified average threshold current IRTH
●
the value of the required self generated negative battery VBATR in ring mode (max value
is 70V). This value can be obtained from the desired ring peak level + 5V.
●
the value of the maximum current peak drawn from VPOS ’IPK’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com