Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 25Page - STMicroelectronics STLC3075_09 Datasheet HTML 26Page - STMicroelectronics STLC3075_09 Datasheet HTML 27Page - STMicroelectronics STLC3075_09 Datasheet HTML 28Page - STMicroelectronics STLC3075_09 Datasheet HTML 29Page - STMicroelectronics STLC3075_09 Datasheet HTML 30Page - STMicroelectronics STLC3075_09 Datasheet HTML 31Page - STMicroelectronics STLC3075_09 Datasheet HTML 32Page - STMicroelectronics STLC3075_09 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
STLC3075
Electrical characteristics
29/36
Figure 13.
THL trans hybrid loss THL = 20Log|Vrx/Vtx/
Figure 14.
G24 transmit gain G24 = 20Log|2Vtx/E|
Figure 15.
G42 receive gain G42 = 20Log|VI/Vrx|
W&G GH1
TIP
TX
STLC3075
application circuit
600ohm
RING
RX
100µF
100mA
DC mac
Zin = 100K
200 to 6kHz
100µF
Vrx
Vtx
TIP
RING
RX
TX
STLC3075
application
circuit
W&G GH1
E
Vtx
100μF
100μF
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
TIP
RING
RX
TX
STLC3075
application
circuit
W&G GH1
Vrx
Vl
100μF
100μF
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com