Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 21Page - STMicroelectronics STLC3075_09 Datasheet HTML 22Page - STMicroelectronics STLC3075_09 Datasheet HTML 23Page - STMicroelectronics STLC3075_09 Datasheet HTML 24Page - STMicroelectronics STLC3075_09 Datasheet HTML 25Page - STMicroelectronics STLC3075_09 Datasheet HTML 26Page - STMicroelectronics STLC3075_09 Datasheet HTML 27Page - STMicroelectronics STLC3075_09 Datasheet HTML 28Page - STMicroelectronics STLC3075_09 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
STLC3075
Electrical characteristics
25/36
6
Electrical characteristics
Test conditions: VPOS = 6.0V, AGND = BGND, normal polarity, Tamb = 25°C.
External components as listed in the ’typical values’ column of the above external
components tables.
Note:
Testing of all parameters is performed at 25°C. Characterization as well as design rules
used allow correlation of tested performances at other temperatures. All parameters listed
here are met in the operating range of: -40 to +85°C.
Table 17.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
DC characteristics
Vlohi
Line voltage
Il = 0
HI-Z (High impedance feeding)
Tamb = 0°C to 85 °C
44
50
V
Vlohi
Line voltage
Il = 0
HI-Z (High impedance feeding)
Tamb = -40 °C to 85 °C
42
48
V
Vloa
Line voltage
Il = 0,
Active mode,
Tamb = 0 °C to 85 °C
33
40
V
Vloa
Line voltage
Il = 0, active mode, Tamb = -40 °C to
85 °C
31
37
V
Ilim
Lim. current programming range
Active mode
20
40
mA
Ilima
Lim. current accuracy
Active mode
Rel. to programmed value
20 mA to 40mA
-10
10
%
Rfeed HI
Feeding resistance
HI-Z (High Impedance feeding)
2.4
3.6
k
Ω
AC characteristics
L/T
Long. to transv.
(see appendix for test circuit)
Rp = 50
Ω, 1% tolerance
Active N. P., RL = 600 Ω (*)
f = 300 to 3400 Hz
50
58
dB
T/L
Transv. to long.
(see appendix for test circuit)
Rp = 50
Ω, 1 % tolerance
Active N. P., RL = 600 Ω (*)
f = 300 to 3400 Hz
40
45
dB
T/L
Transv. to long.
(see appendix for test circuit)
Rp = 50
Ω, 1% tolerance
Active N. P., RL = 600 Ω (*)
f = 1 kHz
48
53
dB
2WRL
2W return loss
300 to 3400 Hz
Active N. P., RL = 600 Ω (*)
22
26
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com