Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 9Page - STMicroelectronics STLC3075_09 Datasheet HTML 10Page - STMicroelectronics STLC3075_09 Datasheet HTML 11Page - STMicroelectronics STLC3075_09 Datasheet HTML 12Page - STMicroelectronics STLC3075_09 Datasheet HTML 13Page - STMicroelectronics STLC3075_09 Datasheet HTML 14Page - STMicroelectronics STLC3075_09 Datasheet HTML 15Page - STMicroelectronics STLC3075_09 Datasheet HTML 16Page - STMicroelectronics STLC3075_09 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
STLC3075
Functional description
13/36
Metering pulse injection (TTX)
The metering pulses circuit consists of a burst shaping generator that generates a square
shaped wave and a low pass filter to reduce the harmonic distortion of the output signal.
The metering pulse is obtained from two logic signals:
CKTTX: is a square wave at the TTX frequency (12 or 16KHz) that must be
permanently applied to the CKTTX pin or at least for all the duration of the TTX pulse
(including rising and decay phases).
D0: enables the TTX generation circuit and defines the TTX pulse duration.
These two signals are processed by a dedicated circuitry integrated on chip that generates
the metering pulse as an amplitude modulated shaped square wave (SQTTX) (see
Figure 6).
Both the amplitude and the envelope of the square wave (SQTTX) can be programmed by
means of external components. In particular the amplitude is set by the two RLV resistors
while the shaping is set by the CS capacitor.
Figure 6.
Metering pulse generation circuit
The waveform so generated is then filtered and injected on the line.
The low pass filter is obtained by using the integrated buffer OP1 connected between pin
FTTX (OP1 non inverting input) and RTTX (OP1 output) (see Figure 6) and by implementing
a “Sallen and Key” configuration. Depending on the external components count it is possible
to build an optimized application depending on the distortion level required. In particular
harmonic distortion levels equal to 13 %, 6 % and 3 % can be obtained respectively with
first, second and third order filters (see Figure 6).
The circuit showed in the “Application diagram” is related to the simple first order filter.
Once the shaped and filtered signal is obtained at RTTX buffer output it is injected on the
TIP/RING pins with a +6 dB gain or +12 dB gain.
It should be noted that this is the nominal condition obtained in presence of ideal TTX echo
cancellation (obtained via proper setting of RTTX and CTTX).
In addition the effective level obtained on the line will depend on the line impedance and the
protection resistors value. In typical applications (TTX line impedance =200
Ω, RP = 50 Ω,
CTTX1
CTTX2
CS
RLV
RLV
SQTTX
BURST
D0
CKTTX
SHAPING
GENERATOR
Square wave pulse metering
Sinusoidal wave
pulse metering
RTTX
FTTX
Low Pass Filter
-
+
OP1
CFL
R1
R2
C2
C1
Required external components vs. filter order.
Order
CFL
R1
C1
R2
C2
THD
1X
13%
2
XXX
X
6%
3
X
XXX
X
3%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com