Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 8Page - STMicroelectronics STLC3075_09 Datasheet HTML 9Page - STMicroelectronics STLC3075_09 Datasheet HTML 10Page - STMicroelectronics STLC3075_09 Datasheet HTML 11Page - STMicroelectronics STLC3075_09 Datasheet HTML 12Page - STMicroelectronics STLC3075_09 Datasheet HTML 13Page - STMicroelectronics STLC3075_09 Datasheet HTML 14Page - STMicroelectronics STLC3075_09 Datasheet HTML 15Page - STMicroelectronics STLC3075_09 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
Functional description
STLC3075
12/36
AC characteristics
The SLIC provides the standard SLIC transmission functions.
Once in active mode the SLIC can operate with two different Tx, Rx gains set by the gain set
control bit (See Table 7 below).
●
Input impedance synthesis: can be real or complex and is set by a scaled (x 50 or
x 25) external ZAC impedance
●
Transmit and receive: The AC signal present on the 2W port (TIP and RING pins) is
transferred to the Tx output with a -6 dB or -12 dB gain and from the Rx input to the 2W
port with a 0 dB or +6 dB gain
●
2 to 4 wires conversion: The balance impedance can be real or complex, the proper
cancellation is obtained by means of two external impedances ZA and ZB
Once in active mode (D1=1) the SLIC can operate in different states setting properly D0 and
D2 control bits (see also Table 8).
Polarity reversal
The D2 bit controls the line polarity, the transition between the two polarities is performed in
a ’soft’ way. This means that the TIP and RING wires exchange their polarities following a
ramp transition (see Figure 5). The transition time is controlled by an external capacitor
CREV. This capacitor also sets the shape of the ringing trapezoidal waveform. When the
control pins set the battery reversal, the line polarity is reversed with a proper transition time
set via an external capacitor (CREV).
Figure 5.
TIP/RING typical transition from direct to reverse polarity
Table 7.
Gain set in active mode
Gain set
4 to 2 wires gain
2 to 4 wires gain
Impedance synthesis scale factor
0
0 dB
-6 dB
x 50
1
+6 dB
-12 dB
x 25
Table 8.
SLIC states in active mode
D0
D1
D2
Operating mode
0
1
0
Active normal polarity
0
1
1
Active reverse polarity
1
1
0
Active TTX injection (normal polarity.)
1
1
1
Active TTX injection (reverse polarity.)
GND
TIP
RING
dV/dT set
by CREV
4V typ.
40V typ
ON-HOOK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com