Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3075 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STLC3075
Description  Integrated POTS interface for home access gateway and WLL
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3075 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STLC3075_09 Datasheet HTML 24Page - STMicroelectronics STLC3075_09 Datasheet HTML 25Page - STMicroelectronics STLC3075_09 Datasheet HTML 26Page - STMicroelectronics STLC3075_09 Datasheet HTML 27Page - STMicroelectronics STLC3075_09 Datasheet HTML 28Page - STMicroelectronics STLC3075_09 Datasheet HTML 29Page - STMicroelectronics STLC3075_09 Datasheet HTML 30Page - STMicroelectronics STLC3075_09 Datasheet HTML 31Page - STMicroelectronics STLC3075_09 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
Electrical characteristics
STLC3075
28/36
6.1
Test circuits
Referring to the application diagram as shown on Figure 10: Application diagram with P-
channel and using the typical values from Table 10: External components for buckboost
configuration and Table 15: External components @gain set = 0 find below the proper
configuration for each measurement.
All measurements requiring DC current termination should be performed using ’Wandel &
Glittering’ DC Loop Holding Circuit GH-1’ or equivalent.
Figure 12.
2W return loss 2WRL = 20Log(|Zref + Zs|/|Zref-Zs|) = 20Log(E/2Vs)
PSRR and power consumption
PSERRC
Power supply rejection VPOS to
2W port
Vripple = 100 mVrms
50 to 4000 Hz
26
36
dB
Ivpos
VPOS supply current @ II = 0
HI-Z on-hook
Active on-hook
RING (line open)
13
50
55
25
80
90
mA
mA
mA
Ipk(1)
Peak current limiting accuracy
RING off-hook
RSENSE = 110 mΩ
-20%
900
+20% mApk
1.
Buck-Boost configuration
Table 17.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Zref
W&G GH1
TIP
TX
STLC3075
application circuit
600ohm
1Kohm
1Kohm
Vs
RING
RX
E
100µF
100mA
DC mac
Zin = 100K
200 to 6kHz
100µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com