Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 103 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 103 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 107Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
103
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R19 (13h)
System
Interrupts
Mask
15
IM_TEMP_INT
0
Interrupt mask for thermal status
0 = Not masked
1 = Masked
14
IM_GP4_INT
0
Interrupt mask for GPIO4
0 = Not masked
1 = Masked
13
IM_GP3_INT
0
Interrupt mask for GPIO3
0 = Not masked
1 = Masked
12
IM_GP2_INT
0
Interrupt mask for GPIO2
0 = Not masked
1 = Masked
11
IM_GP1_INT
0
Interrupt mask for GPIO1
0 = Not masked
1 = Masked
10
IM_TCHDATA_
INT
0
Interrupt mask for Touch Panel
Data Ready status
0 = Not masked
1 = Masked
9
IM_TCHPD_INT
0
Interrupt mask for Touch Panel Pen
Down status
0 = Not masked
1 = Masked
8
IM_AUXADC_
INT
0
Interrupt mask for AUXADC Data
Ready status
0 = Not masked
1 = Masked
0
IM_LDO_UV_
INT
0
Interrupt mask for LDO
Undervoltage status
0 = Not masked
1 = Masked
Table 65 Interrupt Control
CONTROL INTERFACE
The WM8948 is controlled by writing to its control registers. Readback is available for all registers.
The Control Interface can operate as either a 2-, 3- or 4-wire interface:
2-wire (I2C) mode uses pins SCLK and SDA
3-wire (SPI) mode uses pins CS
¯ ¯ , SCLK and SDA
4-wire (SPI) mode uses pins CS
¯ ¯ , SCLK, SDA and SDOUT
Readback is provided on the bi-directional pin SDA in 2-/3-wire modes.
The device address in 2-wire (I2C) mode is 34h.
The WM8948 uses 15-bit register addresses and 16-bit data in all Control Interface modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com