Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 104 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 104 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 108Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
104
SELECTION OF CONTROL INTERFACE MODE
The WM8948 Control Interface can be configured for I2C mode or SPI modes using the
CIFMODE/GPIO3 pin at power-up. The mode selection is as described in Table 67.
CIFMODE/GPIO3
INTERFACE FORMAT
Low
2 wire
High
3- or 4- wire
Table 66 Control Interface Mode Selection
After the Control Interface Mode has been configured, the MODE_GPIO register bit should be set in
order to latch the selection and to allow GPIO functions to be supported on the CIFMODE/GPIO3
pin. After the MODE_GPIO register bit has been set, the Control Interface mode selection will remain
latched until a Software Reset or Power On Reset occurs. See “General Purpose Input / Output” for
details.
In 2-wire (I2C) Control Interface mode, Auto-Increment mode may be selected. This enables multiple
write and multiple read operations to be scheduled faster than is possible with single register
operations. The auto-increment option is enabled when the AUTO_INC register bit is set. This bit is
defined in Table 67. Auto-increment is disabled by default.
In SPI modes, 3-wire or 4-wire operation may be selected using the SPI_4WIRE register bit. In 3-wire
mode, register readback is provided using the bi-directional pin SDA. In 4-wire mode, register
readback is provided using SDOUT. The SDOUT pin may be configured as CMOS or as Open Drain
using the SPI_OD bit. In 3-wire mode the SDA pin may be configured as CMOS or as Open Drain
using the SPI_OD bit. If the open drain option is selected (SPI_OD = 1) then an external pull-up
resistor is required on the SDOUT or SDA output pin.
The Control Interface configuration bits are described in Table 67.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h)
Control
Interface
2
SPI_OD
0
SDOUT pin configuration
(applies to 3-wire and 4-wire mode
only)
0 = SDOUT output is CMOS
1 = SDOUT output is open drain
1
SPI_4WIRE
1
SPI control mode select
0 = 3-wire using bidirectional SDA
1 = 4-wire using SDOUT
0
AUTO_INC
0
Enables address auto-increment
(applies to 2-wire / I2C mode only)
0 = Disabled
1 = Enabled
Table 67 Control Interface Configuration
2-WIRE (I2C) CONTROL MODE
In 2-wire mode, the WM8948 is a slave device on the control interface; SCLK is a clock input, while
SDA is a bi-directional data pin. To allow arbitration of multiple slaves (and/or multiple masters) on
the same interface, the WM8948 transmits logic 1 by tri-stating the SDA pin, rather than pulling it
high. An external pull-up resistor is required to pull the SDA line high so that the logic 1 can be
recognised by the master.
In order to allow many devices to share a single 2-wire control bus, every device on the bus has a
unique 7-bit device ID (this is not the same as the 15-bit address of each register in the WM8948).
The WM8948 device ID is 34h. The LSB of the device ID is the Read/Write bit; this bit is set to logic
1 for “Read” and logic 0 for “Write”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com