Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 108 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 108 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 105Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 106Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 107Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 108Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 112Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
108
In Read operations (R/W=1), the SDATA pin is ignored following receipt of the valid register address.
SDOUT is driven by the WM8948.
The 4-wire control mode timing is illustrated in Figure 47 and Figure 48.
Figure 47 4-Wire Readback (CMOS)
Figure 48 4-Wire Readback (Open Drain)
POWER MANAGEMENT
The WM8948 has two control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To minimise pop or click noise,
it is important to enable or disable these functions in the correct order, and to use the signal mute
registers as part of a carefully structured control sequence. Refer to the “Recommended Power
Up/Down Sequence” section for more details.
The power management control registers are described in Table 69.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
management
1
13
INPPGAR_ENA
0
Right Input PGA Enable
0 = Disabled
1 = Enabled
12
INPPGAL_ENA
0
Left Input PGA Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com