Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 120 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 120 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 124Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
120
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R116 (74h) SE2_RETUNE_C15
SE2_RETUNE_C15[15:0]
0000h
R117 (75h) SE2_RETUNE_C16
SE2_RETUNE_C16[15:0]
0000h
R118 (76h) SE2_RETUNE_C17
SE2_RETUNE_C17[15:0]
0000h
R119 (77h) SE2_RETUNE_C18
SE2_RETUNE_C18[15:0]
0000h
R120 (78h) SE2_RETUNE_C19
SE2_RETUNE_C19[15:0]
0000h
R121 (79h) SE2_RETUNE_C20
SE2_RETUNE_C20[15:0]
0000h
R122 (7Ah) SE2_RETUNE_C21
SE2_RETUNE_C21[15:0]
0000h
R123 (7Bh) SE2_RETUNE_C22
SE2_RETUNE_C22[15:0]
0000h
R124 (7Ch) SE2_RETUNE_C23
SE2_RETUNE_C23[15:0]
0000h
R125 (7Dh) SE2_RETUNE_C24
SE2_RETUNE_C24[15:0]
0000h
R126 (7Eh) SE2_RETUNE_C25
SE2_RETUNE_C25[15:0]
0000h
R127 (7Fh) SE2_RETUNE_C26
SE2_RETUNE_C26[15:0]
0000h
R128 (80h) SE2_RETUNE_C27
SE2_RETUNE_C27[15:0]
0000h
R129 (81h) SE2_RETUNE_C28
SE2_RETUNE_C28[15:0]
0000h
R130 (82h) SE2_RETUNE_C29
SE2_RETUNE_C29[15:0]
0000h
R131 (83h) SE2_RETUNE_C30
SE2_RETUNE_C30[15:0]
0000h
R132 (84h) SE2_RETUNE_C31
SE2_RETUNE_C31[15:0]
0000h
R133 (85h) SE2_5BEQ_CONFIG
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
SE2_5
BEQ_L
_ENA
0000h
R134 (86h) SE2_5BEQ_L10G
0
0
0
SE2_5BEQ_L1G[4:0]
0
0
0
SE2_5BEQ_L0G[4:0]
0C0Ch
R135 (87h) SE2_5BEQ_L32G
0
0
0
SE2_5BEQ_L3G[4:0]
0
0
0
SE2_5BEQ_L2G[4:0]
0C0Ch
R136 (88h) SE2_5BEQ_L4G
0
0
0
0
0
0
0
0
0
0
0
SE2_5BEQ_L4G[4:0]
000Ch
R137 (89h) SE2_5BEQ_L0P
SE2_5BEQ_L0P[15:0]
00D8h
R138 (8Ah) SE2_5BEQ_L0A
SE2_5BEQ_L0A[15:0]
0FCAh
R139 (8Bh) SE2_5BEQ_L0B
SE2_5BEQ_L0B[15:0]
0400h
R140 (8Ch) SE2_5BEQ_L1P
SE2_5BEQ_L1P[15:0]
01C5h
R141 (8Dh) SE2_5BEQ_L1A
SE2_5BEQ_L1A[15:0]
1EB5h
R142 (8Eh) SE2_5BEQ_L1B
SE2_5BEQ_L1B[15:0]
F145h
R143 (8Fh) SE2_5BEQ_L1C
SE2_5BEQ_L1C[15:0]
0B75h
R144 (90h) SE2_5BEQ_L2P
SE2_5BEQ_L2P[15:0]
0558h
R145 (91h) SE2_5BEQ_L2A
SE2_5BEQ_L2A[15:0]
1C58h
R146 (92h) SE2_5BEQ_L2B
SE2_5BEQ_L2B[15:0]
F373h
R147 (93h) SE2_5BEQ_L2C
SE2_5BEQ_L2C[15:0]
0A54h
R148 (94h) SE2_5BEQ_L3P
SE2_5BEQ_L3P[15:0]
1103h
R149 (95h) SE2_5BEQ_L3A
SE2_5BEQ_L3A[15:0]
168Eh
R150 (96h) SE2_5BEQ_L3B
SE2_5BEQ_L3B[15:0]
F829h
R151 (97h) SE2_5BEQ_L3C
SE2_5BEQ_L3C[15:0]
07ADh
R152 (98h) SE2_5BEQ_L4P
SE2_5BEQ_L4P[15:0]
4000h
R153 (99h) SE2_5BEQ_L4A
SE2_5BEQ_L4A[15:0]
0564h
R154 (9Ah) SE2_5BEQ_L4B
SE2_5BEQ_L4B[15:0]
0559h
R155 (9Bh) SE2_5BEQ_R10G
0
0
0
SE2_5BEQ_R1G[4:0]
0
0
0
SE2_5BEQ_R0G[4:0]
0C0Ch
R156 (9Ch) SE2_5BEQ_R32G
0
0
0
SE2_5BEQ_R3G[4:0]
0
0
0
SE2_5BEQ_R2G[4:0]
0C0Ch
R157 (9Dh) SE2_5BEQ_R4G
0
0
0
0
0
0
0
0
0
0
0
SE2_5BEQ_R4G[4:0]
000Ch
R158 (9Eh) SE2_5BEQ_R0P
SE2_5BEQ_R0P[15:0]
00D8h
R159 (9Fh) SE2_5BEQ_R0A
SE2_5BEQ_R0A[15:0]
0FCAh
R160 (A0h) SE2_5BEQ_R0B
SE2_5BEQ_R0B[15:0]
0400h
R161 (A1h) SE2_5BEQ_R1P
SE2_5BEQ_R1P[15:0]
01C5h
R162 (A2h) SE2_5BEQ_R1A
SE2_5BEQ_R1A[15:0]
1EB5h
R163 (A3h) SE2_5BEQ_R1B
SE2_5BEQ_R1B[15:0]
F145h
R164 (A4h) SE2_5BEQ_R1C
SE2_5BEQ_R1C[15:0]
0B75h
R165 (A5h) SE2_5BEQ_R2P
SE2_5BEQ_R2P[15:0]
0558h
R166 (A6h) SE2_5BEQ_R2A
SE2_5BEQ_R2A[15:0]
1C58h
R167 (A7h) SE2_5BEQ_R2B
SE2_5BEQ_R2B[15:0]
F373h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com