Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 121 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 121 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 125Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 189 page
background image
Production Data
WM8948
w
PD, May 2011, Rev 4.1
121
REG
NAME
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
DEFAULT
R168 (A8h) SE2_5BEQ_R2C
SE2_5BEQ_R2C[15:0]
0A54h
R169 (A9h) SE2_5BEQ_R3P
SE2_5BEQ_R3P[15:0]
1103h
R170 (AAh) SE2_5BEQ_R3A
SE2_5BEQ_R3A[15:0]
168Eh
R171 (ABh) SE2_5BEQ_R3B
SE2_5BEQ_R3B[15:0]
F829h
R172 (ACh) SE2_5BEQ_R3C
SE2_5BEQ_R3C[15:0]
07ADh
R173 (ADh) SE2_5BEQ_R4P
SE2_5BEQ_R4P[15:0]
4000h
R174 (AEh) SE2_5BEQ_R4A
SE2_5BEQ_R4A[15:0]
0564h
R175 (AFh) SE2_5BEQ_R4B
SE2_5BEQ_R4B[15:0]
0559h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com