Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 172 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 172 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 176Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
172
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R151 (97h)
SE2_5BEQ_
L3C
15:0
SE2_5BEQ_L3
C[15:0]
0000_0111
_1010_110
1
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 97h SE2_5BEQ_L3C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R152 (98h)
SE2_5BEQ_
L4P
15:0
SE2_5BEQ_L4
P[15:0]
0100_0000
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 98h SE2_5BEQ_L4P
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R153 (99h)
SE2_5BEQ_
L4A
15:0
SE2_5BEQ_L4
A[15:0]
0000_0101
_0110_010
0
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 99h SE2_5BEQ_L4A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R154 (9Ah)
SE2_5BEQ_
L4B
15:0
SE2_5BEQ_L4
B[15:0]
0000_0101
_0101_100
1
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 9Ah SE2_5BEQ_L4B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R155 (9Bh)
SE2_5BEQ_
R10G
12:8
SE2_5BEQ_R1
G[4:0]
0_1100
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter Gain
00000 : -12dB
00001 : -12dB
00010 : -10dB
00011 : -9dB
00100 : -8dB
00101 : -7dB
00110 : -6dB
00111 : -5dB
01000 : -4dB
01001 : -3dB
01010 : -2dB
01011 : -1dB
01100 : 0dB
01101 : 1dB
01110 : 2dB
01111 : 3dB
10000 : 4dB
10001 : 5dB
10010 : 6dB
10011 : 7dB
10100 : 8dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com