Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8948 Datasheet(PDF) 174 Page - Wolfson Microelectronics plc

Part # WM8948
Description  Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8948 Datasheet(HTML) 174 Page - Wolfson Microelectronics plc

Back Button WM8948 Datasheet HTML 170Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 171Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 172Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 173Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 174Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8948 Datasheet HTML 178Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 189 page
background image
WM8948
Production Data
w
PD, May 2011, Rev 4.1
174
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R158 (9Eh)
SE2_5BEQ_
R0P
15:0
SE2_5BEQ_R0
P[15:0]
0000_0000
_1101_100
0
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register 9Eh SE2_5BEQ_R0P
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R159 (9Fh)
SE2_5BEQ_
R0A
15:0
SE2_5BEQ_R0
A[15:0]
0000_1111
_1100_101
0
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register 9Fh SE2_5BEQ_R0A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R160 (A0h)
SE2_5BEQ_
R0B
15:0
SE2_5BEQ_R0
B[15:0]
0000_0100
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register A0h SE2_5BEQ_R0B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R161 (A1h)
SE2_5BEQ_
R1P
15:0
SE2_5BEQ_R1
P[15:0]
0000_0001
_1100_010
1
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register A1h SE2_5BEQ_R1P
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R162 (A2h)
SE2_5BEQ_
R1A
15:0
SE2_5BEQ_R1
A[15:0]
0001_1110
_1011_010
1
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register A2h SE2_5BEQ_R1A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R163 (A3h)
SE2_5BEQ_
R1B
15:0
SE2_5BEQ_R1
B[15:0]
1111_0001
_0100_010
1
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register A3h SE2_5BEQ_R1B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R164 (A4h)
SE2_5BEQ_
R1C
15:0
SE2_5BEQ_R1
C[15:0]
0000_1011
_0111_010
1
Filter coefficients for Signal Enhancement 2 (SE2) right
channel 5-band EQ filter
Register A4h SE2_5BEQ_R1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com