Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
36
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42 (2Ah)
OUT4 to ADC
8:6
OUT4_2ADCVOL
000
Controls the OUT4 to ADC input
boost stage:
000 = Path disabled
(disconnected)
001 = -12dB gain
010 = -9dB gain
011 = -6dB gain
100 = -3dB gain
101 = +0dB gain
110 = +3dB gain
111 = +6dB gain
5
OUT4_2LNR
0
OUT4 to L or R ADC input
0 = Right ADC input
1 = Left ADC input
R47 (2Fh)
Left channel
Input BOOST
control
2:0
AUXL2BOOSTVOL
000
Controls the auxiliary amplifier to
the left channel input boost stage:
000 = Path disabled
(disconnected)
001 = -12dB gain
010 = -9dB gain
011 = -6dB gain
100 = -3dB gain
101 = +0dB gain
110 = +3dB gain
111 = +6dB gain
6:4
L2_2BOOSTVOL
000
Controls the L2 pin to the left
channel input boost stage:
000 = Path disabled
(disconnected)
001 = -12dB gain
010 = -9dB gain
011 = -6dB gain
100 = -3dB gain
101 = +0dB gain
110 = +3dB gain
111 = +6dB gain
R48 (30h)
Right channel
Input BOOST
control
2:0
AUXR2BOOSTVOL
000
Controls the auxiliary amplifier to
the right channel input boost
stage:
000 = Path disabled
(disconnected)
001 = -12dB gain
010 = -9dB gain
011 = -6dB gain
100 = -3dB gain
101 = +0dB gain
110 = +3dB gain
111 = +6dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com