Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
26
SYMBOL
MIN
TYPICAL
MAX
UNIT
tline_midrail_on
300
ms
tline_midrail_off
>6
s
thp_midrail_on
300
ms
thp__midrail_off
>6
s
tdacint
2/fs
n/fs
DAC Group Delay
29/fs
n/fs
Table 4 Typical POR Operation (Typical Simulated Values)
Notes:
1.
The lineout charge time, tline_midrail_on, is determined by the VMID pin charge time. This time is
dependent upon the value of VMID decoupling capacitor and VMID pin input resistance and
AVDD1 power supply rise time. The values above were measured using a 4.7μF capacitor.
2.
It is not advisable to allow DACDAT data input during initialisation of the DAC. If the DAC data
value is not zero at point of initialisation, then this is likely to cause a pop noise on the analogue
outputs. The same is also true if the DACDAT is removed at a non-zero value, and no mute
function has been applied to the signal beforehand.
3.
The lineout discharge time, tline_midrail_off, is determined by the VMID pin discharge time. This time
is dependent upon the value of VMID decoupling capacitor and VMID pin input resistance. The
values above were measured using a 4.7μF capacitor.
4.
The headphone charge time, thp_midrail_on, is dependent upon the value of VMID decoupling
capacitor and VMID pin input resistance and AVDD1 power supply rise time. The values above
were measured using a 4.7μF VMID decoupling capacitor.
5.
The headphone discharge time, thp_midrail_off, is dependent upon the value of VMID decoupling
capacitor and VMID pin input resistance. The values above were measured using a 4.7μF VMID
decoupling capacitor.
6.
The VMIDSEL and BIASEN bits must be set to enable analogue output midrail voltage and for
normal DAC operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com