Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 81Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 82Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 83Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 84Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 85Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 86Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
83
MCLK
(MHz)
(f1)
DESIRED
OUTPUT
(SYSCLK)
(MHz)
f2
(MHz)
R
N
K
N
REGISTER
R36[3:0]
K REGISTERS
R37
R38
R39
12
11.29
90.3168
1
2
7.5264
7h
86C226h
XX7h
021h
161h
026h
12
12.288
98.304
1
2
8.192
8h
3126E8h
XX8h
00Ch
093h
0E8h
13
11.29
90.3168
1
2 6.947446
6h
F28BD4h
XX6h
03Ch
145h
1D4h
13
12.288
98.304
1
2 7.561846
7h
8FD525h
XX7h
023h
1Eah
125h
14.4
11.29
90.3168
1
2
6.272
6h
45A1Cah
XX6h
011h
0D0h
1Cah
14.4
12.288
98.304
1
2 6.826667
6h
D3A06Eh
XX6h
034h
1D0h
06Eh
19.2
11.29
90.3168
2
2
9.408
9h
6872Afh
XX9h
01Ah
039h
0Afh
19.2
12.288
98.304
2
2
10.24
Ah
3D70A3h
XXAh
00Fh
0B8h
0A3h
19.68
11.29
90.3168
2
2 9.178537
9h
2DB492h
XX9h
00Bh
0Dah
092h
19.68
12.288
98.304
2
2 9.990243
9h
FD809Fh
XX9h
03Fh
0C0h
09Fh
19.8
11.29
90.3168
2
2 9.122909
9h
1F76F7h
XX9h
007h
1BBh
0F7h
19.8
12.288
98.304
2
2 9.929697
9h
EE009Eh
XX9h
03Bh
100h
09Eh
24
11.29
90.3168
2
2
7.5264
7h
86C226h
XX7h
021h
161h
026h
24
12.288
98.304
2
2
8.192
8h
3126E8h
XX8h
00Ch
093h
0E8h
26
11.29
90.3168
2
2 6.947446
6h
F28BD4h
XX6h
03Ch
145h
1D4h
26
12.288
98.304
2
2 7.561846
7h
8FD525h
XX7h
023h
1Eah
125h
27
11.29
90.3168
2
2 6.690133
6h
B0AC93h
XX6h
02Ch
056h
093h
27
12.288
98.304
2
2 7.281778
7h
482296h
XX7h
012h
011h
096h
Table 48 PLL Frequency Examples
LOOPBACK
Setting the LOOPBACK register bit enables digital loopback. When this bit is set the output data
from the ADC audio interface is fed directly into the DAC data input.
COMPANDING
The WM8985 supports A-law and
μ-law companding on both transmit (ADC) and receive (DAC)
sides. Companding can be enabled on the DAC or ADC audio interfaces by writing the appropriate
value to the DAC_COMP or ADC_COMP register bits respectively.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
Companding
Control
2:1
ADC_COMP
0
ADC companding
00 = off
01 = reserved
10 = μ-law
11 = A-law
4:3
DAC_COMP
0
DAC companding
00 = off
01 = reserved
10 = μ-law
11 = A-law
5
WL8
0
0 = off
1 = device operates in 8-bit mode.
Table 49 Companding Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com