Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 63Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
60
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:4
LIMLVL
000
Programmable signal threshold level
(determines level at which the limiter
starts to operate)
000 = -1dB
001 = -2dB
010 = -3dB
011 = -4dB
100 = -5dB
101 to 111 = -6dB
Table 24 DAC Digital Limiter Control
5-BAND GRAPHIC EQUALISER
A 5-band graphic equaliser is provided, which can be applied to the ADC or DAC path, together with
3D enhancement, under control of the EQ3DMODE register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
EQ Control 1
8
EQ3DMODE
1
0 = Equaliser and 3D Enhancement
applied to ADC path
1 = Equaliser and 3D Enhancement
applied to DAC path
Table 25 EQ and 3D Enhancement DAC or ADC Path Select
Note:
The ADCs and DACs must be disabled before changing the EQ3DMODE bit.
The equaliser consists of low and high frequency shelving filters (Band 1 and 5) and three peak
filters for the centre bands. Each has adjustable cut-off or centre frequency, and selectable boost
(+/- 12dB in 1dB steps). The peak filters have selectable bandwidth.
To enable the use of the 5-band equaliser the device must be in 128fs mode by setting M128ENB to
1 in register R7 bit 8. Refer to the Low Power section under Power Management below for more
details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R18 (12h)
EQ Band 1
Control
4:0
EQ1G
01100
(0dB)
Band 1 Gain Control. See Table 31 for
details.
6:5
EQ1C
01
Band 1 Cut-off Frequency:
00 = 80Hz
01 = 105Hz
10 = 135Hz
11 = 175Hz
Table 26 EQ Band 1 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com