Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 90 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 90 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 86Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 87Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 88Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 89Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 90Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 91Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 92Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 93Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 94Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
90
POWER MANAGEMENT
SAVING POWER BY REDUCING OVERSAMPLING RATE
The default mode of operation of the ADC and DAC digital filters is in 64x oversampling mode.
Under the control of ADCOSR128 and DACOSR128 the oversampling rate may be doubled. 64x
oversampling results in a slight decrease in noise performance compared to 128x but lowers the
power consumption of the device.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
DAC control
3
DACOSR128
0
DAC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
R14 (0Eh)
ADC control
3
ADCOSR128
0
ADC oversample rate select
0 = 64x (lowest power)
1 = 128x (best SNR)
Table 48 ADC and DAC Oversampling Rate Selection
LOW POWER MODE
If only DAC or ADC functionality is required, the WM8985 can be put into a low power mode. In this
mode, the DSP core runs at half of the normal rate, reducing digital power consumption of the core
by half. For DAC low power only, 3D enhancement with 2-Band equaliser functionality is permitted,
where only Band 1 (low shelf) and Band 5 (high shelf) can be used. For ADC low power, the
equaliser and 3D cannot be used.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R7 (07h)
Additional Ctrl
8
M128ENB
0
0 = low power mode enabled
1 = low power mode disabled
Table 49 DSP Core Low Power Mode Control
There are 3 modes of low power operation, as detailed below. The device will not enter low power
unless in one of these register configurations, regardless of M128ENB.
For pop-free operation of the device it is recommended to change the M128ENB low power
functionality only when both the DACs and ADCs are disabled, i.e. when DACENL=0, DACENR=0,
ADCENL=0 and ADCENR=0.
FUNCTION
REGISTER BITS
SETTING
DESCRIPTION
ADC low power
M128ENB
ADCENL
ADCENR
DACENL
DACENR
EQ3DMODE
0
1
1
0
0
1 (DAC path)
Either or both of ADCENL and
ADCENR must be set (mono or
stereo mode)
DAC low power
M128ENB
ADCENL
ADCENR
DACENL
DACENR
0
0
0
1
1
Either or both of DACENL and
DACENR must be set (mono or
stereo mode)
EQ3DMODE = 0: EQ in ADC path
EQ3DMODE = 1: EQ in DAC path
Table 50 DSP Core Low Power Modes for ADC Only and DAC Only Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com