Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 96 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 96 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 92Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 93Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 94Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 95Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 96Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 97Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 98Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 99Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 100Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
96
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
2
DLRSWAP
0
Controls whether DAC data appears in ‘right’ or
‘left’ phases of LRC clock:
0=DAC data appear in ‘left’ phase of LRC
1=DAC data appears in ‘right’ phase of LRC
Digital Audio
Interfaces
1
ALRSWAP
0
Controls whether ADC data appears in ‘right’ or
‘left’ phases of LRC clock:
0=ADC data appear in ‘left’ phase of LRC
1=ADC data appears in ‘right’ phase of LRC
Digital Audio
Interfaces
0
MONO
0
Selects between stereo and mono device
operation:
0=Stereo device operation
1=Mono device operation. Data appears in ‘left’
phase of LRC
Digital Audio
Interfaces
5 (05h)
8:6
000
Reserved. Initialise to 0
5
WL8
0
Companding Control 8-bit mode
0=off
1=device operates in 8-bit mode
Digital Audio
Interfaces
4:3
DAC_COMP
00
DAC companding
00=off (linear mode)
01=reserved
10=μ-law
11=A-law
Digital Audio
Interfaces
2:1
ADC_COMP
00
ADC companding
00=off (linear mode)
01=reserved
10=μ-law
11=A-law
Digital Audio
Interfaces
0
LOOPBACK
0
Digital loopback function
0=No loopback
1=Loopback enabled, ADC data output is fed
directly into DAC data input.
Digital Audio
Interfaces
6 (06h)
8
CLKSEL
1
Controls the source of the clock for all internal
operation:
0=MCLK
1=PLL output
Digital Audio
Interfaces
7:5
MCLKDIV
010
Sets the scaling for either the MCLK or PLL
clock output (under control of CLKSEL)
000=divide by 1
001=divide by 1.5
010=divide by 2
011=divide by 3
100=divide by 4
101=divide by 6
110=divide by 8
111=divide by 12
Digital Audio
Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com