Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 62 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 62 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 63Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 64Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 65Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 66Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
62
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
EQ Band 5
Gain Control
4:0
EQ5G
01100
(0dB)
Band 5 Gain Control. See Table 31 for
details.
6:5
EQ5C
01
Band 5 Cut-off Frequency:
00 = 5.3kHz
01 = 6.9kHz
10 = 9kHz
11 = 11.7kHz
Table 30 EQ Band 5 Control
GAIN REGISTER
GAIN
00000
+12dB
00001
+11dB
00010
+10dB
…. (1dB steps)
01100
0dB
01101
-1dB
11000
-12dB
11001 to 11111
Reserved
Table 31 Gain Register Table
See also Figure 47 to Figure 64 for equaliser and high pass filter responses.
3D STEREO ENHANCEMENT
The WM8985 has a digital 3D enhancement option to increase the perceived separation between the
left and right channels. Selection of 3D for record or playback is controlled by register bit
EQ3DMODE. Switching this bit from record to playback or from playback to record may only be done
when both ADCs and both DACs are disabled.
To enable the 3D Stereo Enhancement in the ADC path the device must be in 128fs mode by setting
M128ENB to 1 in register R7 bit 8. Refer to the Low Power section under Power Management below
for more details.
The DEPTH3D setting controls the degree of stereo expansion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com