Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 63Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 64Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 65Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 66Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
63
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R41 (29h)
3D Control
3:0
DEPTH3D
0000
Stereo depth
0000 = Disabled
0001 = 6.67%
0010 = 13.3%
0011 = 20%
0100 = 26.7%
0101 = 33.3%
0110 = 40%
0111 = 46.6%
1000 = 53.3%
1001 = 60%
1010 = 66.7%
1011 = 73.3%
1100 = 80%
1101 = 86.7%
1110 = 93.3%
1111 = 100% (maximum 3D effect)
Table 32 3D Stereo Enhancement Function
Note:
When 3D enhancement is used, it may be necessary to attenuate the signal by 6dB to avoid
limiting.
ANALOGUE OUTPUTS
The WM8985 has three sets of stereo analogue outputs. These are:
•
LOUT1 and ROUT1 which are normally used to drive a headphone load.
•
LOUT2 and ROUT2 – which can be used as class D or class AB headphone
drivers.
•
OUT3 and OUT4 – can be configured as a stereo line out (OUT3 is left output and
OUT4 is right output) or a differential output. OUT4 can also be used to provide a
mono mix of left and right channels.
The outputs LOUT2 and ROUT2 are powered from AVDD2 and are capable of driving a 1V rms
signal (AVDD1/3.3).
LOUT1, ROUT1, OUT3 and OUT4 are powered from AVDD1
LOUT1, ROUT1, LOUT2 and ROUT2 have individual analogue volume PGAs with -57dB to +6dB
gain ranges.
There are four output mixers in the output signal path, the left and right channel mixers which control
the signals to headphone (and optionally the line outputs) and also dedicated OUT3 and OUT4
mixers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com