Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 63Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 64Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
61
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R19 (13h)
EQ Band 2
Control
4:0
EQ2G
01100
(0dB)
Band 2 Gain Control. See Table 31 for
details.
6:5
EQ2C
01
Band 2 Centre Frequency:
00 = 230Hz
01 = 300Hz
10 = 385Hz
11 = 500Hz
8
EQ2BW
0
Band 2 Bandwidth Control
0 = narrow bandwidth
1 = wide bandwidth
Table 27 EQ Band 2 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R20 (14h)
EQ Band 3
Control
4:0
EQ3G
01100
(0dB)
Band 3 Gain Control. See Table 31 for
details.
6:5
EQ3C
01
Band 3 Centre Frequency:
00 = 650Hz
01 = 850Hz
10 = 1.1kHz
11 = 1.4kHz
8
EQ3BW
0
Band 3 Bandwidth Control
0 = narrow bandwidth
1 = wide bandwidth
Table 28 EQ Band 3 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h)
EQ Band 4
Control
4:0
EQ4G
01100
(0dB)
Band 4 Gain Control. See Table 31 for
details
6:5
EQ4C
01
Band 4 Centre Frequency:
00 = 1.8kHz
01 = 2.4kHz
10 = 3.2kHz
11 = 4.1kHz
8
EQ4BW
0
Band 4 Bandwidth Control
0 = narrow bandwidth
1 = wide bandwidth
Table 29 EQ Band 4 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com