Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 79 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 79 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 75Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 81Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 82Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 83Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
79
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R4 (04h)
Audio
Interface
Control
0
MONO
0
Selects between stereo and mono
device operation:
0 = Stereo device operation
1 = Mono device operation. Data
appears in ‘left’ phase of LRC only.
1
ALRSWAP
0
Controls whether ADC data appears in
‘right’ or ‘left’ phases of LRC clock:
0 = ADC left data appear in ‘left’ phase
of LRC and right data in ‘right’ phase
1 = ADC left data appear in ‘right’ phase
of LRC and right data in ‘left’ phase
2
DLRSWAP
0
Controls whether DAC data appears in
‘right’ or ‘left’ phases of LRC clock:
0 = DAC left data appear in ‘left’ phase
of LRC and right data in ‘right’ phase
1 = DAC left data appear in ‘right’ phase
of LRC and right data in ‘left’ phase
4:3
FMT
10
Audio interface Data Format Select:
00 = Right Justified
01 = Left Justified
10 = I2S format
11 = DSP/PCM mode
6:5
WL
10
Word length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits (see note)
7
LRP
0
LRC clock polarity
0 = normal
1 =inverted
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK rising
edge after LRC rising edge (mode A)
1 = MSB is available on 1
st BCLK rising
edge after LRC rising edge (mode B)
8
BCP
0
BCLK polarity
0 = normal
1 = inverted
R5
0
LOOPBACK
0
Digital loopback function
0 = No loopback
1 = Loopback enabled, ADC data output
is fed directly into DAC data input.
Table 43 Audio Interface Control
Note:
Right Justified Mode will only operate with a maximum of 24 bits. If 32-bit mode is selected the
device will operate in 24-bit mode.
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised
below.
Register bit MS selects audio interface operation in master or slave mode. In Master mode BCLK,
and LRC are outputs. The frequency of BCLK in master mode can be controlled with BCLKDIV. The
frequencies of BCLK and LRC are also controlled by MCLKDIV. The LRC sample rate is set to the
required values by MCLKDIV and the BCLK rate will be set accordingly to provide sufficient BCLKs
for that chosen sample rate. These clocks are divided down versions of master clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com