Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
56
Figure 23 DAC Digital Filter Path
The analogue outputs from the DACs can then be mixed with the aux analogue inputs and the ADC
analogue inputs. The mix is fed to the output drivers for headphone (LOUT1/ROUT1,
LOUT2/ROUT2) or line (OUT3/OUT4). OUT3 and OUT4 have additional mixers which allow them to
output different signals to the line outputs or back into the record path.
DIGITAL PLAYBACK (DAC) PATH
Digital data is passed to the WM8985 via the flexible audio interface and is then passed through a
variety of advanced digital filters as shown in Figure 23 to the hi-fi DACs. The DACs are enabled by
the DACENL/R register bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
Power
Management 3
0
DACENL
0
Left channel DAC enable
0 = DAC disabled
1 = DAC enabled
1
DACENR
0
Right channel DAC enable
0 = DAC disabled
1 = DAC enabled
Table 21 DAC Enable Control
The WM8985 also has a Soft Mute function, which when enabled, gradually attenuates the volume
of the digital signal to zero. When disabled, the gain will ramp back up to the digital gain setting. This
function is enabled by default. To play back an audio signal, it must first be disabled by setting the
SOFTMUTE bit to zero.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
DAC Control
0
DACPOL
0
Left DAC output polarity:
0 = non-inverted
1 = inverted (180 degrees phase shift)
1
DACRPOL
0
Right DAC output polarity:
0 = non-inverted
1 = inverted (180 degrees phase shift)
2
AMUTE
0
Automute enable
0 = Amute disabled
1 = Amute enabled
3
DACOSR128
0
DAC oversampling rate:
0 = 64x (lowest power)
1 = 128x (best performance)
6
SOFTMUTE
0
Softmute enable:
0 = Enabled
1 = Disabled
Table 22 DAC Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com