Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 74 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 74 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 70Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 71Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 72Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 73Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 74Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 75Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 78Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 121 page
background image
WM8985
Production Data
w
PD, Rev 4.6, July 2009
74
ENABLING THE OUTPUTS
Each analogue output of the WM8985 can be independently enabled or disabled. The analogue
mixer associated with each output has a separate enable bit. All outputs are disabled by default. To
save power, unused parts of the WM8985 should remain disabled.
Outputs can be enabled at any time, but it is not recommended to do so when BUFIO is disabled
(BUFIOEN=0), as this may cause pop noise (see “Power Management” and “Applications
Information” sections).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
Management
1
2
BUFIOEN
0
Unused input/output bias buffer enable
6
OUT3MIXEN
0
OUT3 mixer enable
7
OUT4MIXEN
0
OUT4 mixer enable
R2 (02h)
Power
Management
2
8
ROUT1EN
0
ROUT1 output enable
7
LOUT1EN
0
LOUT1 output enable
6
SLEEP
0
0 = Normal device operation
1 = Supply current reduced in device
standby mode when clock supplied (see
note)
R3 (03h)
Power
Management
3
2
LMIXEN
0
Left mixer enable
3
RMIXEN
0
Right mixer enable
5
LOUT2EN
0
LOUT2 output enable
6
ROUT2EN
0
ROUT2 output enable
7
OUT3EN
0
OUT3 enable
8
OUT4EN
0
OUT4 enable
Note:
All “Enable” bits are 1 = ON, 0 = OFF
Table 39 Output Stages Power Management Control
Note:
The SLEEP bit R2[6] should only be used when the device is already Standby mode. The
SLEEP bit prevents the MCLK from propagating round the device when the external MCLK signal
cannot be removed.
THERMAL SHUTDOWN
To protect the WM8985 from becoming too hot, a thermal sensor has been built in. If the device
junction temperature reaches approximately 125
°C and the TSDEN and TSOPCTRL bit are set, then
all outputs will be disabled to avoid further increase of the chip temperature.
Additionally, when the device is too hot and TSDEN is set, then the WM8985 de-asserts GPIO bit
11, a virtual GPIO that can be set up to generate an interrupt to the CPU (see “GPIO and Interrupt
Control” section).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R49 (31h)
Output Control
1
TSDEN
0
Thermal Sensor Enable
0 = disabled
1 = enabled
2
TSOPCTRL
0
Thermal Shutdown Output enable
0 = Disabled
1 = Enabled, i.e. all outputs will be
disabled if TI set and the device junction
temperature is more than 125ºC.
Table 40 Thermal Shutdown
UNUSED ANALOGUE INPUTS/OUTPUTS
Whenever an analogue input/output is disabled, it remains connected to a voltage source (AVDD1/2)
through a resistor. This helps to prevent pop noise when the output is re-enabled. The resistance
between the voltage buffer and the output pins can be controlled using the VROI control bit. The
default impedance is low, so that any capacitors on the outputs can charge up quickly at start-up. If
a high impedance is desired for disabled outputs, VROI can then be set to 1, increasing the
resistance to about 30k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com