Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8985GEFL/R Datasheet(PDF) 89 Page - Wolfson Microelectronics plc

Part # WM8985GEFL/R
Description  Multimedia CODEC with Class D Headphone and Line Out
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8985GEFL/R Datasheet(HTML) 89 Page - Wolfson Microelectronics plc

Back Button WM8985GEFL/R Datasheet HTML 85Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 86Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 87Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 88Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 89Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 90Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 91Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 92Page - Wolfson Microelectronics plc WM8985GEFL/R Datasheet HTML 93Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 121 page
background image
Production Data
WM8985
w
PD, Rev 4.6, July 2009
89
2-WIRE SERIAL CONTROL MODE
The WM8985 supports software control via a 2-wire serial bus. Many devices can be controlled by
the same bus, and each device has a unique 7-bit device address (this is not the same as the 7-bit
address of each register in the WM8985).
The WM8985 operates as a slave device only. The controller indicates the start of data transfer with
a high to low transition on SDIN while SCLK remains high. This indicates that a device address and
data will follow. All devices on the 2-wire bus respond to the start condition and shift in the next eight
bits on SDIN (7-bit address + Read/Write bit, MSB first). If the device address received matches the
address of the WM8985, the WM8985 responds by pulling SDIN low on the next clock pulse (ACK).
If the address is not recognised or the R/W bit is ‘1’ when operating in write only mode, the WM8985
returns to the idle condition and waits for a new start condition and valid address.
During a write, once the WM8985 has acknowledged a correct address, the controller sends the first
byte of control data (B15 to B8, i.e. the WM8985 register address plus the first bit of register data).
The WM8985 then acknowledges the first data byte by driving SDIN low for one clock cycle. The
controller then sends the second byte of control data (B7 to B0, i.e. the remaining 8 bits of register
data), and the WM8985 acknowledges again by pulling SDIN low.
Transfer is complete when there is a low to high transition on SDIN while SCLK is high. After a
complete sequence the WM8985 returns to the idle state and waits for another start condition. If a
start or stop condition is detected out of sequence at any point during data transfer (i.e. SDIN
changes while SCLK is high), the control interface returns to the idle condition.
SDIN
SCLK
register address and
1st register data bit
DEVICE ADDRESS
(7 BITS)
RD / WR
BIT
ACK
(LOW)
CONTROL BYTE 1
(BITS 15 TO 8)
CONTROL BYTE 1
(BITS 7 TO 0)
remaining 8 bits of
register data
STOP
START
ACK
(LOW)
ACK
(LOW)
Figure 40 2-Wire Serial Control Interface
In 2-wire mode the WM8985 has a fixed device address, 0011010.
RESETTING THE CHIP
The WM8985 can be reset by performing a write of any value to the software reset register (address
0h). This will cause all register values to be reset to their default values. In addition to this there is a
Power-On Reset (POR) circuit which ensures that the registers are initially set to default when the
device is powered up.
POWER SUPPLIES
The WM8985 requires four separate power supplies:
AVDD1 and AGND1: Analogue supply, powers all internal analogue functions and output drivers
LOUT1, ROUT1, OUT3 and OUT4. AVDD1 must be between 2.5V and 3.6V and has the most
significant impact on overall power consumption (except for power consumed in the headphones).
Higher AVDD1 will improve audio quality.
AVDD2 and AGND2: Output driver supplies, power LOUT2 and ROUT2. AVDD2 must be between
2.5V and 3.6V. AVDD2 can be tied to AVDD1, but it requires separate layout and decoupling
capacitors to curb harmonic distortion.
DCVDD: Digital core supply, powers all digital functions except the audio and control interface pads.
DCVDD must be between 1.71V and 3.6V, and has no effect on audio quality. The return path for
DCVDD is DGND, which is shared with DBVDD.
DBVDD must be between 1.71V and 3.6V. DBVDD return path is through DGND.
It is possible to use the same supply voltage for all four supplies. However, digital and analogue
supplies should be routed and decoupled separately on the PCB to keep digital switching noise out
of the analogue signal paths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com