Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  PXR40 Datasheet HTML 1Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 2Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 3Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 4Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 5Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 6Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 7Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 8Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 100 page
background image
PXR40 features
PXR40 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
3
1
PXR40 features
Table 1 displays the PXR40 feature set.
Table 1. PXR40 feature set
Feature
PXR40
Core
e200z7
SIMD
Yes
VLE
Yes
Cache
32 KB
(16 KB Instruction/16 KB Data)
Non-maskable interrupt (NMI)
NMI & Critical Interrupt
MMU
64 entry
MPU
Yes
XBAR
5 × 5
Windowing software watchdog
Yes
Nexus
3+
SRAM
256 KB
Flash
4 MB
Flash fetch accelerator
4 × 256 bit
(first 1 MB of memory is 4 × 128; last 3 MB are 4 × 256)
External bus
Yes
Calibration bus
16 bit non-muxed
32 bit muxed
DMA
96 channel
DMA Nexus
Class 3
Serial
3
UART_A
Yes
UART_B
Yes
UART_C
Yes
Microsecond bus uplink
Yes
CAN
4
CAN_A
64 message buffers
CAN_B
64 message buffers
CAN_C
64 message buffers
CAN_D
64 message buffers
CAN_E
No
SPI
4
SPI_A
Yes
SPI_B
Yes
SPI_C
Yes
SPI_D
Yes
FlexRay
Yes
Ethernet
No
System timers
4 PIT chan
4 SWT
1 Watchdog
eMIOS
32 channel
eTPU
64 channel
eTPU_A
Yes (eTPU2)
eTPU_B
Yes (eTPU2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com