Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 48Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 49Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 50Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 51Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 52Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 53Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 54Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 55Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 100 page
background image
PXR40 Microcontroller Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
52
5
Electrical characteristics
This section contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing
specifications for the PXR40.
The electrical specifications are preliminary and are from previous designs, design simulations, or initial evaluation. These
specifications may not be fully tested or guaranteed at this stage of the product life cycle, however for production silicon these
specifications will be met. Finalized specifications will be published after complete characterization and device qualifications
have been completed.
5.1
Maximum ratings
Table 3. Absolute maximum ratings1
Spec
Characteristic
Symbol
Min
Max
Unit
1
1.2 V Core Supply Voltage
VDD
–0.3
2.0 2
V
2
SRAM Standby Voltage
VSTBY
–0.3
6.4 3,4
V
3
Clock Synthesizer Voltage
VDDSYN
–0.3
5.3 4,5
V
4
I/O Supply Voltage (I/O buffers and predrivers)
VDD33
–0.3
5.3 4,5
V
5
Analog Supply Voltage (reference to VSSA
6)V
DDA
7
–0.3
6.4 3,4
V
6
I/O Supply Voltage (fast I/O pads)
VDDE
–0.3
5.3 4,5
V
7
I/O Supply Voltage (medium I/O pads)
VDDEH
–0.3
6.4 3,4
V
8
Voltage Regulator Input Supply Voltage
VDDREG
–0.3
6.4 3,4
V
9
Analog Reference High Voltage (reference to VRL
8)V
RH
9
–0.3
6.4 3,4
V
10
VSS to VSSA
8 Differential Voltage
VSS –VSSA
–0.1
0.1
V
11
VREF Differential Voltage
VRH –VRL
–0.3
6.4 3,4
V
12
VRL to VSSA Differential Voltage
VRL –VSSA
–0.3
0.3
V
13
VDD33 to VDDSYN Differential Voltage
VDD33 –VDDSYN
–0.1
0.1
V
14
VSSSYN to VSS Differential Voltage
VSSSYN –VSS
–0.1
0.1
V
15
Maximum Digital Input Current 10 (per pin, applies to all
digital pins)
IMAXD
–3 11
3 11
mA
16
Maximum Analog Input Current 12 (per pin, applies to all
analog pins)
IMAXA
– 3 7
3 7,11
mA
17
Maximum Operating Temperature Range 13 – Die Junction
Temperature
TJ
–40.0
150.0
oC
18
Storage Temperature Range
Tstg
–55.0
150.0
oC
19
Maximum Solder Temperature 14
Pb-free package
SnPb package
Tsdr
—
—
260.0
245.0
oC
20
Moisture Sensitivity Level 15
MSL
—
3
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com