Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 85 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 85 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 81Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 82Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 83Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 84Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 85Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 86Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 87Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 88Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 89Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
Electrical characteristics
PXR40 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
85
Figure 19. D_CLKOUT timing
7
Input Signal Valid to D_CLKOUT
Posedge (Setup Time)
D_ADD[9:30]
D_DAT[0:15]
D_RD_WR
D_TA
D_TS
tCIS
5.0/4.5
—
ns
Input setup time selectable via
SIU_ECCR[EBTS] bit:
EBTS = 0; 5.0ns
EBTS = 1; 4.5ns
8
D_CLKOUT Posedge to Input
Signal Invalid (Hold Time)
D_ADD[9:30]
D_DAT[0:15]
D_RD_WR
D_TA
D_TS
tCIH
1.0
—
ns
9
D_ALE Pulse Width
tAPW
6.5
—
ns
The timing is for Asynchronous
external memory system.
10
D_ALE Negated to Address Invalid
tAAI
2.0/1.0 5
—
ns
The timing is for Asynchronous
external memory system.
ALE is measured at 50% of VDDE.
1 EBI timing specified at V
DD = 1.08 V to 1.32 V, VDDE = 3.0 V to 3.6 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL to TH, and
CL = 30 pF with DSC = 0b10.
2 Speed is the nominal maximum frequency. Max speed is the maximum speed allowed including frequency modulation (FM).
270 MHz parts allow for 264 MHz system clock + 2% FM.
3 Depending on the internal bus speed, set the SIU_ECCR[EBDF] bits correctly not to exceed maximum external bus frequency.
The maximum external bus frequency is 66 MHz.
4 Refer to Fast pad timing in Table 28 and Table 29.
5 ALE hold time spec is temperature dependant. 1.0 ns spec applies for temperature range -40 to 0
C. 2.0 ns spec applies to
temperatures > 0
C. This spec has no dependency on SIU_ECCR[EBTS] bit.
Table 33. Bus operation timing 1 (continued)
Spec
Characteristic
Symbol
66 MHz (Ext. Bus Freq)2 3
Unit
Notes
Min
Max
1
2
2
3
4
D_CLKOUT
VDDE / 2
VOL_F
VOH_F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com