Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 67Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 68Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 69Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 70Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 71Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 72Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 73Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 74Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
Electrical characteristics
PXR40 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
71
5.10
C90 flash memory electrical characteristics
Table 24 shows the Platform Flash Configuration Register 1 (PFCPR1) settings versus frequency of operation. Refer to the
device reference manual for definitions of these bit fields.
Table 22. Flash program and erase specifications
Spec
Characteristic
Symbol
Min
Typ1
1 Typical program and erase times assume nominal supply values and operation at 25 oC.
Initial
Max2
2 Initial factory condition:
 100 program/erase cycles, 25 oC, typical supply voltage, 80 MHz minimum system frequency.
Max3
3 The maximum erase time occurs after the specified number of program/erase cycles. This maximum value is characterized
but not guaranteed.
Unit
1
Double Word (64 bits) Program Time4
4 Program times are actual hardware programming times and do not include software overhead.
tdwprogram
—
38
—
500
s
2
Page Program Time4,5
5 Page size is 128 bits (4 words).
tpprogram
—
45
160
500
s
3
16 KB Block Pre-program and Erase Time
t16kpperase
—
270
1000
5000
ms
4
64 KB Block Pre-program and Erase Time
t64kpperase
—
800
1800
5000
ms
5
128 KB Block Pre-program and Erase Time
t128kpperase
—
1500
2600
7500
ms
6
256 KB Block Pre-program and Erase Time
t256kpperase
—
3000
5200
15000
ms
Table 23. Flash EEPROM module life
Spec
Characteristic
Symbol
Min
Typical1
1 Typical endurance is evaluated at 25 °C. Product qualification is performed to the minimum specification. For additional
information on the Freescale definition of Typical Endurance, please refer to Engineering Bulletin EB619, Typical Endurance
for Nonvolatile Memory.
Unit
1
Number of program/erase cycles per block for 16 KB and 64
KB blocks over the operating temperature range (TJ)
P/E
100,000
—
cycles
2
Number of program/erase cycles per block for 128 KB and 256
KB blocks over the operating temperature range (TJ)
P/E
1,000
100,000
cycles
3
Minimum Data Retention at 85 °C ambient temperature2
Blocks with 0–1,000 P/E cycles
Blocks with 1,001–10,000 P/E cycles
Blocks with 10,001–100,000 P/E cycles
2 Ambient temperature averaged over duration of application, not to exceed product operating temperature range.
Retention
20
10
5
—
—
—
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com