Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 71Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 72Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 73Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 74Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 75Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 76Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 77Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 78Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 100 page
background image
Electrical characteristics
PXR40 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
75
7Fast6
00
2.5
1.2
10
801
20
910
30
10
11
50
11
Fast with Slew Rate
00
40/40
16/16
50
12
50/50
21/21
200
13
01
13/13
5/5
50
14
19/19
8/8
200
15
10
8/8
2.4/2.4
50
16
12/12
5/5
200
17
11
5/5
1.1/1/1
50
18
8/8
2.6
2.6
19
Pull Up/Down (3.6 V max)
—
—
7500
50
20
Pull Up/Down (5.25 V max)
—
6000
5000/5000
50
1 These are worst case values that are estimated from simulation and not tested. The values in the table are simulated at
VDD = 1.02 V to 1.32 V, VDDE = 3.0 V to 3.6 V, VDDEH = 4.75 V to 5.25 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL to TH.
2 This parameter is supplied for reference and is not guaranteed by design and not tested.
3 This parameter is guaranteed by characterization before qualification rather than 100% tested.
4 Delay and rise/fall are measured to 20% or 80% of the respective signal.
5 Out delay is shown in Figure 9. Add a maximum of one system clock to the output delay for delay with respect to system clock.
6 Out delay is shown in Figure 9. Add a maximum of one system clock to the output delay for delay with respect to system clock.
Table 29. Derated pad AC specifications (VDDEH =3.3 V)
1
1 These are worst case values that are estimated from simulation and not tested. The values in the table are simulated at
VDD = 1.08 V to 1.32 V, VDDE = 3.0 V to 3.6 V, VDDEH = 3.0 V to 3.6 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL to TH.
Spec
Pad
SRC/DSC
Out Delay2,3
L
 H/H  L (ns)
2 This parameter is supplied for reference and is not guaranteed by design and not tested.
3 Delay and rise/fall are measured to 20% or 80% of the respective signal.
Rise/Fall4,3
(ns)
4 This parameter is guaranteed by characterization before qualification rather than 100% tested.
Load Drive
(pF)
1
Medium5
5 Out delay is shown in Figure 9. Add a maximum of one system clock to the output delay for delay with respect to system clock.
00
200/210
86/86
50
2
270/285
120/120
200
3
01
37/45
15.5/19
50
4
69/82
38/43
200
5
11
18/17
7.6/8.5
50
6
46/49
30/34
200
Table 28. Pad AC specifications (vddeh =5.0 V, VDDE =3.3 V)
1 (continued)
Spec
Pad
SRC/DSC
Out Delay2,4
L
 H/H  L (ns)
Rise/Fall3,4
(ns)
Load Drive
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com