Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 70Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 71Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 72Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 73Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 74Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 75Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 76Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 77Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
PXR40 Microcontroller Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
74
5.11.2
Pad AC specifications
2 Up to the maximum frequency rating of the device (refer to Table 39). The f
sys speed is the nominal maximum frequency.
270 Mhz parts allow for 264 Mhz system clock + 2% FM.
3 See the PXR40 Reference Manual for full description as not all bit combinations are valid.
4 EBI/Calibration bus is not available in all packages.
5 The EBI/Calibration Bus operating frequency, f
ebi_cal , depends on clock divider settings of block’s max allowed
frequency of operation. Normally febi_cal =fplatf /2, but can be limited to < fplatf /2 in Full Mode.
Table 26. IPCLKDIV settings
SIU_SYSDIV
[IPCLKDIV[0:1]]
Mode
Description
00
Enhanced
CPU frequency is doubled (Max 264Mhz). Platform,
peripheral, and eTPU clocks are 1/2 of CPU frequency
01
Full
CPU and eTPU frequency is doubled (Max 200Mhz).
Platform and peripheral clocks are 1/2 of CPU frequency.
10
—
Reserved
11
Legacy
CPU, eTPU, platform, and peripheral’s clocks all run at
same speed (Max 132Mhz).
Table 27. SYSCLKDIV settings
SIU_SYSDIV
[SYSCLKDIV[0:1]]
Description
00
Divide by 2.
01
Divide by 4.
10
Divide by 8.
11
Divide by 16.
Table 28. Pad AC specifications (vddeh = 5.0 V, VDDE =3.3 V)
1
Spec
Pad
SRC/DSC
Out Delay2,4
L
 H/H  L (ns)
Rise/Fall3,4
(ns)
Load Drive
(pF)
1Medium5
00
152/165
70/74
50
2
205/220
96/96
200
3
01
28/34
12/15
50
4
52/59
28/31
200
5
11
12/12
5.3/5.9
50
6
32/32
22/22
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com