Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 65Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 66Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 67Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 68Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 69Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 70Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 71Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 72Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
Electrical characteristics
PXR40 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
69
5.9.1
ADC internal resource measurements
8 Exceeding limit may cause conversion error on stressed channels and on unstressed channels. Transitions within the limit do
not affect device reliability or cause permanent damage.
9 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values using VPOSCLAMP =VDDA + 0.5 V and VNEGCLAMP = –0.3 V, then use the larger of the calculated values.
10 Condition applies to two adjacent pins at injection limits.
11 Performance expected with production silicon.
12 All channels have same 10 k
 <Rs<100 kChannel under test has Rs = 10 k, I
INJ=IINJMAX,IINJMIN.
13 The TUE specification is always less than the sum of the INL, DNL, offset, and gain errors due to cancelling errors.
14 TUE does not apply to differential conversions.
15 Voltages between VRL and VRH will not cause damage to the pins. However, they may not be converted accurately if the
differential voltage is above the maximum differential voltage. In addition, conversion errors may occur if the common mode
voltage of the differential signal violates the Differential Input common mode voltage specification.
Table 18. Power Management Control (PMC) specification
Spec
Characteristic
Symbol
Min
Typical
Max
Unit
PMC Normal Mode
1
Bandgap 0.62 V
ADC0 channel 145
VADC145
—
0.62
—
V
2
Bandgap 1.2 V
ADC0 channel 146
VADC146
—
1.22
—
V
3
Vreg1p2 Feedback
ADC0 channel 147
VADC147
—
VDD /2.045
—
V
4LVD 1.2 V
ADC0 channel 180
VADC180
—
VDD /1.774
—
V
5
Vreg3p3 Feedback
ADC0 channel 181
VADC181
—
Vreg3p3 / 5.460
—
V
6LVD 3.3 V
ADC0 channel 182
VADC182
—
Vreg3p3 / 4.758
—V
7LVD 5.0 V
ADC0 channel 183
— LDO mode
— SMPS mode
VADC183
—
VDDREG / 4.758
VDDREG/7.032
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com