Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 66Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 67Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 68Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 69Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 70Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 71Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 72Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 73Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
PXR40 Microcontroller Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
70
Table 19. Standby RAM regulator electrical specifications
Spec
Characteristic
Symbol
Min
Typ
Max
Unit
Normal Mode
1
Standby Regulator Output
ADC1 channel 194
VADC194
—
1.2
—
V
2
Standby Source Bias
150 mV to 360 mV (30mV Increment @
vref_sel)
ADC1 channel 195
Default Value 150 mV (@vref_sel = 1 1 1)
VADC195
150
—
360
mV
3
Standby Brownout Reference
ADC1 channel 195
VADC195
500
—
850
mV
Table 20. ADC band gap reference / LVI electrical specifications
Spec
Characteristic
Symbol
Min
Typ
Max
Unit
1
4.75 LVD (from VDDA)
ADC1 channel 196
VADC196
—
4.75
—
V
2
ADC Bandgap
ADC0 channel 45
ADC1 channel 45
VADC45
1.171
1.220
1.269
V
Table 21. Temperature sensor electrical specifications
Spec
Characteristic
Symbol
Min
Typ
Max
Unit
1Slope
–40
C to 100 C ±1.0 C
100
C to 150 C ±1.6 C
ADC0 channel 128
ADC1 channel 128
VSADC128
1
1 Slope is the measured voltage change per °C.
—
5.8
—
mV/
C
2
Accuracy
–40
C to 150 C
ADC0 channel 128
ADC1 channel 128
——
±10.0
—
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com