Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 42Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 43Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 44Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 45Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 46Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 47Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 48Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 49Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
213
WKPCFG_NMI_
GPIO213
P
WKPCFG
Weak pull configuration input
I
MH
VDDEH1
WKPCFG/Up
Input/Up
N3
A1
NMI
Critical interrupt to core11
I
A2
——
—
G
GPIO213
GPIO
I
208
PLLCFG0_IRQ4_
GPIO208
P
PLLCFG0
FMPLL mode configuration input
I
MH
VDDEH1
PLLCFG/Up
Input/Up
R3
A1
IRQ4
External interrupt request
I
A2
——
—
G
GPIO208
GPIO
I/O
209
PLLCFG1_IRQ5_
GPIO209
P
PLLCFG1
FMPLL mode configuration input
I
MH
VDDEH1
PLLCFG/Up
Input/Up
(for Rev2 of
the device:
—/Up)
P2
A1
IRQ5
External interrupt request
I
A2
SOUTD
DSPI D data output
O
G
GPIO209
GPIO
I/O
—
PLLCFG2
P
PLLCFG2
FMPLL mode configuration input
I
MH
VDDEH1
PLLCFG/
Down
PLLCFG/
Down
P3
—XTAL
P
XTAL
Crystal oscillator output
O
AE
VDD33
XTAL
XTAL
AC26
—EXTAL
P
EXTAL
Crystal oscillator input
I
AE
VDD33
EXTAL
EXTAL
AB26
214
ENGCLK
P
ENGCLK
EBI engineering clock output
Note: EXTCLK (External clock input)
selected through SIU register)
OF
VDDE2
ENGCLK/
Enabled
ENGCLK/
Enabled
AD1
JTAG and Nexus
(see footnote12 about resets)
—EVTI
–13
EVTI
Nexus event in
I
F
VDDE2
—/Up
EVTI/Up
T4
227
EVTO
(the BAM uses this pin to
select if auto baud rate is on
or off)
–13
EVTO
Nexus event out
O
F
VDDE2
ABS/Up
EVTO/HI
U1
219
MCKO
–13
MCKO
Nexus message clock out
O
F
VDDE2
O/Low
Disabled14
T2
Table 2. Signal Properties and Muxing Summary (continued)
Signal Name2
Function4
Function Summary
State
during
RESET7
State
after
RESET8
Package
Location
(416)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com