Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 78Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 79Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 80Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 81Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 82Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 83Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 84Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 85Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
PXR40 Microcontroller Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
82
Figure 17. Nexus timings
10
TDI, TMS Data Setup Time
tNTDIS, tNTMSS
8—
ns
11
TDI, TMS Data Hold Time
TNTDIH, tNTMSH
5—
ns
12
TCK Low to TDO Data Valid
tNTDOV
010
ns
13
RDY Valid to MCKO6
——
——
1 All Nexus timing relative to MCKO is measured from 50% of MCKO and 50% of the respective signal. Nexus timing specified
at VDD = 1.08 V to 1.32 V, VDDE = 3.0 V to 3.6 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL to TH, and CL = 30 pF with
DSC = 0b10.
2 The Nexus AUX port runs up to 82 MHz (pending characterization). Set NPC_PCR[MKCO_DIV] to correct division depending
on the system frequency, not to exceed maximum Nexus AUX port frequency.
3 See Notes on t
cyc on Figure 13 and Table 25 in Section Section 5.11.1 Clocking.
4 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle.
5 Lower frequency is required to be fully compliant to standard.
6 The RDY pin timing is asynchronous to MCKO. The timing is guaranteed by design to function correctly.
Table 32. Nexus debug port timing1 (continued)
Spec
Characteristic
Symbol
Min
Max
Unit
4
1
2
3
5
MCKO
MDO
MSEO
EVTO
Output Data Valid
7
EVTI
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com