Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 69Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 70Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 71Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 72Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 73Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 74Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 75Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 76Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
Electrical characteristics
PXR40 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
73
5.11
AC specifications
5.11.1
Clocking
Figure 8 shows the operating frequency domains of various blocks on PXR40.
Figure 8. PXR40 block operating frequency domain diagram
Table 25 shows the operating frequencies of various blocks depending on the device’s clocking mode configuration settings (see
Table 26 and Table 27 for descriptions of bit settings).
Table 25. PXR40 operating frequencies1, 2
1 The values in the table are specified at:
VDD = 1.02 V to 1.32 V
VDDE = 3.0 V to 3.6 V
VDDEH = 4.5 V to 5.5 V
VDD33 and VDDSYN = 3.0 V to 3.6 V
TA =TL to TH.
Mode
SIU_ECCR
[EBDF[0:1]]3
fsys
(core)
fplatf
(platform and all blocks
except eTPU)
fetpu
(eTPU, eTPU RAM,
and NDEDI)
febi_cal
4,5
Unit
Enhanced
01
11
264
264
132
132
132
132
66
33
MHz
Full
01
11
200
200
100
100
200
200
50
25
MHz
Legacy
01
11
132
132
132
132
132
132
66
33
MHz
PLL
CORE
PLATFORM /
eTPU /
EBI
CAL BUS
EXTAL
D_CLKOUT
fplatf
Note: tcycsys = 1 / fsys
tcyc =1 / fplatf
2 = divide-by-2
 X = divide-by-X, depending on SIU_SYSDIV[BYPASS]
and SIU_SYSDIV[SYSCLKDIV].
BLOCKS /
(D_CLKOUT is not available
on all packages and cannot
be programmed for faster
than fsys/2.)
 2
PLLCFG[0:1]
SIU_SYSDIV[SYSCLKDIV[0:1]]
IPG DIV SEL
ETPU DIV SEL
SIU_SYSDIV[IPCLKDIV[0:1]]
fetpu
SYSDIV
 X
FLASH
NDEDI
DIV
febi_cal
SIU_SYSDIV[BYPASS]
X = 2, 4, 8, or 16
X=1
fsys
SIU_ECCR[EBDF[0:1]]
fperiph



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com