Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 92Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 93Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 94Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 95Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 96Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 97Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 98Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 99Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 100Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
PXR40 Microcontroller Data Sheet, Rev. 1
Ordering information
Freescale Semiconductor
96
6
Ordering information
6.1
Orderable parts
Figure 35 and Table 39 describe and list the orderable part numbers for the PXR40.
Figure 35. PXR40 orderable part number description
Table 39. PXR40 orderable part number summary
Part number
Flash/SRAM
Package
Speed
(MHz)
MPXR4030VVU264
3 MB / 192 KB
416 PBGA (27 mm x 27 mm)
264
MPXR4040VVU264
4 MB / 256 KB
416 PBGA (27 mm x 27 mm)
264
MPX
40
Note: Not all options are available on all devices. See Table 39 for more information.
R
Qualification status
Brand
Family
Class
Flash memory size
Temperature range
V = –40 °C to 105 °C
Operating frequency
1 = 150 MHz
Tape and reel status
R = Tape and reel
(blank) = Trays
Qualification status
P = Pre-qualification (engineering samples)
M = Fully spec. qualified, general market flow
S = Fully spec. qualified, automotive flow
30 V
Temperature range
VU
Package identifier
264 R
Operating frequency
Tape and reel indicator
Package identifier
VU = 416 PBGA
2 = 180 MHz
(ambient)
Family
D = Display Graphics
N = Connectivity/Network
R = Performance/Real Time Control
S=Safety
Flash Memory Size
30 = 3 MB
40 = 4 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com