Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXR40 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # PXR40
Description  PXR40 Microcontroller
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXR40 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button PXR40 Datasheet HTML 60Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 61Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 62Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 63Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 64Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 65Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 66Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 67Page - Freescale Semiconductor, Inc PXR40 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
PXR40 Microcontroller Data Sheet, Rev. 1
Electrical characteristics
Freescale Semiconductor
64
5.7.1
I/O pad current specifications
The power consumption of an I/O segment is dependent on the usage of the pins on a particular segment. The power
consumption is the sum of all output pin currents for a particular segment. The output pin current can be calculated from
Table 12 based on the voltage, frequency, and load on the pin. Use linear scaling to calculate pin currents for voltage, frequency,
and load parameters that fall outside the values given in Table 12.
The AC timing of these pads are described in the Section 5.11.2 Pad AC specifications.
5.7.2
I/O pad VDD33 current specifications
The power consumption of the VDD33 supply is dependent on the usage of the pins on all I/O segments. The power consumption
is the sum of all input and output pin VDD33 currents for all I/O segments. The VDD33 current draw on fast speed pads can be
calculated from Table 13 dependent on the voltage, frequency, and load on all F type pins. The VDD33 current draw on medium
pads can be calculated from Table 13 dependent on voltage and independent on the frequency and load on all MH type pins.
Use linear scaling to calculate pin currents for voltage, frequency, and load parameters that fall outside the values given in
Table 13.
The AC timing of these pads are described in the Section 5.11.2 Pad AC specifications.
Table 12. VDDE/VDDEH I/O Pad Average DC Current
1
1 These are average IDDE numbers for worst case PVT from simulation. Currents apply to output pins only.
Spec
Pad Type
Symbol
Frequency
(MHz)
Load2
(pF)
2 All loads are lumped.
Voltage
(V)
Drive/Slew
Rate Select
Current (mA)
1Medium
IDRV_MH
50
50
5.25
11
16.0
2
20
505.2501
6.3
3
3.0
50
5.25
00
1.1
4
2.0
200
5.25
00
2.4
5Fast
IDRV_FC
66
10
3.6
00
6.5
666
20
3.6
01
9.4
766
30
3.6
10
10.8
866
50
3.6
11
33.3
9
Fast w/ Slew
Control
IDRV_FSR
66
50
3.6
11
12.0
10
50
50
3.6
10
6.2
11
33.33
50
3.6
01
4.0
12
20
50
3.6
00
2.4
13
20
200
3.6
00
8.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com