Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 107 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 107 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 103Page - ITT Industries DAMMN7H2SN Datasheet HTML 104Page - ITT Industries DAMMN7H2SN Datasheet HTML 105Page - ITT Industries DAMMN7H2SN Datasheet HTML 106Page - ITT Industries DAMMN7H2SN Datasheet HTML 107Page - ITT Industries DAMMN7H2SN Datasheet HTML 108Page - ITT Industries DAMMN7H2SN Datasheet HTML 109Page - ITT Industries DAMMN7H2SN Datasheet HTML 110Page - ITT Industries DAMMN7H2SN Datasheet HTML 111Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
106
Voltage rating (working)
100 VDC
Current rating
5 A
Insulation resistance,
electrification time 30 s, temperature 25
°C
5000 M
min./100 V
Dielectric Withstanding Voltage (Sea Level)
500 micro amps max. charge/discharge
250 VDC
Filter Type C
Capacitor
Filter Symbol per DIN
D Subminiature
Filter D
D*JK Filter Performance
D*JK Electrical Data
Filter designation
54321
Capacitance, type
at 1 KHz, 0,1 Vrms, 25
°C
1500 pF
1000 pF
680 pF
470 pF
330 pF
Frequency
MHz
Attenuation
db min.
Attenuation
db min.
Attenuation
db min.
Attenuation
db min.
Attenuation
db min.
10
3————
30
20
14
10
7
2
100
31
27
22
18
9
300
39
35
30
27
18
1000
47
42
37
32
28
2000
51
46
42
36
31
Attenuation per MIL-STD-220 at 25
°C with no applied voltage or current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com