Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAMMN7H2SN Datasheet(PDF) 109 Page - ITT Industries

Part # DAMMN7H2SN
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DAMMN7H2SN Datasheet(HTML) 109 Page - ITT Industries

Back Button DAMMN7H2SN Datasheet HTML 105Page - ITT Industries DAMMN7H2SN Datasheet HTML 106Page - ITT Industries DAMMN7H2SN Datasheet HTML 107Page - ITT Industries DAMMN7H2SN Datasheet HTML 108Page - ITT Industries DAMMN7H2SN Datasheet HTML 109Page - ITT Industries DAMMN7H2SN Datasheet HTML 110Page - ITT Industries DAMMN7H2SN Datasheet HTML 111Page - ITT Industries DAMMN7H2SN Datasheet HTML 112Page - ITT Industries DAMMN7H2SN Datasheet HTML 113Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
Part Numbers
Shell Size
Layout
Through Hole
Clinch Nut
#4-40 UNC
DE
9
DEJK9P*-1U0N
DEJKE9P*-1U0N
DA
15
DAJK15P*-1U0N
DAJKE15P*-1U0N
DB
25
DBJK25P*-1U0N
DBJKE25P*-1U0N
DC
37
DCJK37P*-1U0N
DCJKE37P*-1U0N
* Insert filter designator. Example: DEJK9P4-1U0N (For 1000 pF Filter Capacitance)
Note: For performance class 1 add -A190. Example: DEJK9P1-1U0N-A190
D Subminiature
Filter D
D*JK — 90
° PC Tails — Standard Footprint .318 or .283 inch
Plug
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 272.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
Filter Designator*
Filter Capacitance
1
330 pF
2
470 pF
3
680 pF
4
1000 pF
5
1500 pF
For electrical data, see page 106.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,37 (.015)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,69 (.264)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,69 (.264)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,72 (.422)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,72 (.422)
—
6,84 (.269)
0,99 (.039)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Engaging Face
2,84 (.112)
W
F
7,19 (.283)
3,50 (.138)
L
108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com