Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 14 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 14 Page - rfsolutions.ltd

Back Button RWD_QT Datasheet HTML 10Page - rfsolutions.ltd RWD_QT Datasheet HTML 11Page - rfsolutions.ltd RWD_QT Datasheet HTML 12Page - rfsolutions.ltd RWD_QT Datasheet HTML 13Page - rfsolutions.ltd RWD_QT Datasheet HTML 14Page - rfsolutions.ltd RWD_QT Datasheet HTML 15Page - rfsolutions.ltd RWD_QT Datasheet HTML 16Page - rfsolutions.ltd RWD_QT Datasheet HTML 17Page - rfsolutions.ltd RWD_QT Datasheet HTML 18Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
ib technology
14
Micro RWD H2 Protocol
The MicroRWD H2 Reader mode a complete read / write and tag acceptance solution for
Hitag 2 RFID transponders (in Password mode).
Write Tag
Command to write 4 bytes of data to HT2 32 bit page. If the write was unsuccessful (invalid
tag or out of field) then Status flags in acknowledge byte indicate error.
B7
B0
Command:
0 1 0 1 0 1 1 1
(ASCII “W”, 0x57)
Argument1:
x x x x x N N N
(N = HT2 page address 0-7)
Argument2:
D D D D D D D D
(D = msb data to write to HT2)
Argument3:
D D D D D D D D
Argument4:
D D D D D D D D
Argument5:
D D D D D D D D
(D = lsb data to write to HT2)
Acknowledge:
1 1 F F F F F X
(F = Status flags)
Note that PASSWORD exchange occurs for WRITE command.
If no tag present then acknowledge / status byte reply is 0xC0
If tag present but RWD PASSWORD check fails then acknowledge byte reply is 0xC0.
If tag present but TAG PASSWORD check fails then acknowledge byte reply is 0xC4.
If tag present and both PASSWORDS match then acknowledge reply is 0xD6.
Read Tag
Command to read 4 bytes of data from HT2 32 bit page. If the read was successful, indicated
by acknowledge status flags then four bytes of tag data follow.
B7
B0
Command:
0 1 0 1 0 0 1 0
(ASCII “R”, 0x52)
Argument1:
x x x x x N N N
(N = HT2 page address 0-7)
Acknowledge:
1 1 F F F F F X
(F = Status flags)
Data only follows if read was successful
Reply1:
D D D D D D D D
(D = msb data to write to HT2)
Reply2:
D D D D D D D D
Reply3:
D D D D D D D D
Reply4:
D D D D D D D D
(D = lsb data to write to HT2)
Note that PASSWORD exchange occurs for READ command.
If no tag present then acknowledge / status byte reply is 0xC0
If tag present but RWD PASSWORD check fails then acknowledge byte reply is 0xC0.
If tag present but TAG PASSWORD check fails then acknowledge byte reply is 0xC4.
If tag present and both PASSWORDS match then acknowledge reply is 0xD6 followed by 4-
bytes of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com