Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 16 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 16 Page - rfsolutions.ltd

Back Button RWD_QT Datasheet HTML 11Page - rfsolutions.ltd RWD_QT Datasheet HTML 12Page - rfsolutions.ltd RWD_QT Datasheet HTML 13Page - rfsolutions.ltd RWD_QT Datasheet HTML 14Page - rfsolutions.ltd RWD_QT Datasheet HTML 15Page - rfsolutions.ltd RWD_QT Datasheet HTML 16Page - rfsolutions.ltd RWD_QT Datasheet HTML 17Page - rfsolutions.ltd RWD_QT Datasheet HTML 18Page - rfsolutions.ltd RWD_QT Datasheet HTML 19Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
ib technology
16
Hitag 2 Configuration Byte
The 8 bit configuration byte located at the start of page 3 defines the basic mode of the Hitag
2 transponder and whether certain parts of it’s memory are locked or open for Read/Write
operations. Note that the MicroRWD H2 only supports PASSWORD mode and can
communicate with Hitag 2 tags with the configuration byte = 0x06 (or 0x46 with
configuration and TAG Password locked).
CONFIGURATION OR PASSWORDS MUST NOT BE CHANGED UNLESS THE
OPERATION OF THE HITAG 2 TRANSPONDER IS UNDERSTOOD.
Configuration Byte (Page 3, byte 0)
b7 b6 b5 b4 b3 b2 b1 b0
|
|
|
|
0
1
1
0
|
|
|
0 = Page 6 and 7 read/write
|
|
|
1 = Page 6 and 7 read only
|
|
|
|
|
0 = Page 4 and 5 read/write
|
|
1 = Page 4 and 5 read only
|
|
|
0 = Page 3 read/write
|
1 = Page 3 read only, Configuration and TAG Password FIXED, THIS BIT IS OTP
|
0 = Page 1 an 2 read/write
1 = Page 1 no read/no write, Page 2 (RWD Password) read only, THIS BIT IS OTP
Micro RWD (EM) H400x / 4102 Protocol
The MicroRWD H400X Reader mode is a complete reader and tag acceptance solution for
EM Marin H4001/H4102 and compatible RFID transponders.
Read H400x Tag
Command to read 5 bytes of data from H400x (40 bit) memory array. If the read was
successful, indicated by acknowledge status flags then five bytes of tag data follow.
B7
B0
Command:
0 1 0 1 0 0 1 0
(ASCII “R”, 0x52)
Argument1:
x x x x x x
x x
(Dummy Page number e.g 00)
Acknowledge:
1 1 F F F F F X
(F = Status flags)
Data only follows if read was successful
Reply1:
D D D D D D D D
(D = msb data read from H400x)
Reply2:
D D D D D D D D
Reply3:
D D D D D D D D
Reply4:
D D D D D D D D
Reply5:
D D D D D D D D
(D = lsb data read from H400x)
Note that for the Read Tag command, if an error flag has been set in the Acknowledge code
then there will be NO following data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com