Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 9 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 9 Page - rfsolutions.ltd

Back Button RWD_QT Datasheet HTML 5Page - rfsolutions.ltd RWD_QT Datasheet HTML 6Page - rfsolutions.ltd RWD_QT Datasheet HTML 7Page - rfsolutions.ltd RWD_QT Datasheet HTML 8Page - rfsolutions.ltd RWD_QT Datasheet HTML 9Page - rfsolutions.ltd RWD_QT Datasheet HTML 10Page - rfsolutions.ltd RWD_QT Datasheet HTML 11Page - rfsolutions.ltd RWD_QT Datasheet HTML 12Page - rfsolutions.ltd RWD_QT Datasheet HTML 13Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ib technology
9
Micro RWD H1/S Protocol
The MicroRWD H1/S Reader mode is a complete read / write and tag acceptance solution for
Hitag 1, Hitag S256 and Hitag S2048 RFID transponders (in Plain Memory mode).
Write Tag Page
Command to write 4 bytes of data to HT1 32 bit page. If the write was unsuccessful (invalid
tag or out of field) then Status flags in acknowledge byte indicate error.
B7
B0
Command:
0 1 0 1 0 1 1 1
(ASCII “W”, 0x57)
Argument1:
x x N N N N N N
(N = HT1 page address 0-63)
Argument2:
D D D D D D D D
(D = msb data to write to HT1)
Argument3:
D D D D D D D D
Argument4:
D D D D D D D D
Argument5:
D D D D D D D D
(D = lsb data to write to HT1)
Acknowledge:
1 1 F F F F F X
(F = Status flags)
Write Tag Block
Command to write up to 16 bytes of data to HT1 memory. A Block is made up of four pages
(each page being 4 bytes of data). If the specified page lies on the block boundary then all 16
bytes (4 pages) can be written. If the specified page is on the block boundary + 1 then 12
bytes (3 pages) can be written.
In this way 16, 12, 8 or 4 bytes of data can be stored on the tag depending on the page number
and it’s position within the block. If the write was unsuccessful (invalid tag or out of field)
then Status flags in acknowledge byte indicate error.
B7
B0
Command:
0 1 1 1 0 1 1 1
(ASCII “w”, 0x77)
Argument1:
x x N N N N N N
(N = HT1 page address 0-63)
Argument2:
D D D D D D D D
(D = msb data to write to HT1)
Argument3:
D D D D D D D D
(PAGE N DATA)
Argument4:
D D D D D D D D
Argument5:
D D D D D D D D
(D = lsb data to write to HT1)
|
|
Up to 16 bytes can be specified depending on page address N
|
ie. Perform PAGE/4 => if remainder (mod) = 0 then full block (16 bytes)
|
if remainder = 1 then 12 bytes sent
|
if remainder = 2 then 8 bytes sent
|
if remainder = 3 then 4 bytes sent
V
Argument14:
D D D D D D D D
(D = msb data to write to HT1)
Argument15:
D D D D D D D D
(PAGE N+3 DATA)
Argument16:
D D D D D D D D
Argument17:
D D D D D D D D
(D = lsb data to write to HT1)
Acknowledge:
1 1 F F F F F X
(F = Status flags)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com