Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 12 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 12 Page - rfsolutions.ltd

Back Button RWD_QT Datasheet HTML 8Page - rfsolutions.ltd RWD_QT Datasheet HTML 9Page - rfsolutions.ltd RWD_QT Datasheet HTML 10Page - rfsolutions.ltd RWD_QT Datasheet HTML 11Page - rfsolutions.ltd RWD_QT Datasheet HTML 12Page - rfsolutions.ltd RWD_QT Datasheet HTML 13Page - rfsolutions.ltd RWD_QT Datasheet HTML 14Page - rfsolutions.ltd RWD_QT Datasheet HTML 15Page - rfsolutions.ltd RWD_QT Datasheet HTML 16Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ib technology
12
Hitag 1 Serial Number and Configuration Bytes
Page 0 (Serial Number):
Byte:
3
2
1
0
Page 1 (Configuration Bytes):
Byte:
3
2
1
0
The Hitag 1 configuration bytes control whether the memory blocks are read/write or locked
for read only access. Note that bytes 2 and 3 of the configuration page are not used and are
currently available for general read/write use.
CON 0 (Page 1, byte 0)
CON 1 (Page 1, byte 1)
b7 b6 b5 b4 b3 b2 b1 b0
b7 b6 b5 b4 b3 b2 b1 b0
1
1
1
0 = Block 7 read only
Reserved
1 = Block 7 read/write
Reserved
0 = Block 6 read only
1 = Block 6 read /write
Reserved
0 = Block 5 read only
0 = Configuration (Page 1) read only
1 = Block 5 read/write
1 = Configuration (Page 1) read/write
0 = Block 4 read only
Reserved
1 = Block 4 read/write
Reserved
0 = Block 3 read only
1 = Block 3 read/write (not used)
Reserved
0 = Block 2 read only
1 = Block 2 read/write (not used)
Note that these configuration bits are OTP. Once they are set to read-only the Hitag 1
transponder is hardware protected and they can never be changed.
Note that the “Reserved” bits of Configuration Byte 1 must not be altered. Page 1 must be
read first and the bits that can be changed masked on/off before writing back.
MSB
LSB
(xxxxxxxx)
msb
lsb
MSB
LSB
Read/Write Read/Write CON1
CON0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com