Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 5 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 5 Page - rfsolutions.ltd

  RWD_QT Datasheet HTML 1Page - rfsolutions.ltd RWD_QT Datasheet HTML 2Page - rfsolutions.ltd RWD_QT Datasheet HTML 3Page - rfsolutions.ltd RWD_QT Datasheet HTML 4Page - rfsolutions.ltd RWD_QT Datasheet HTML 5Page - rfsolutions.ltd RWD_QT Datasheet HTML 6Page - rfsolutions.ltd RWD_QT Datasheet HTML 7Page - rfsolutions.ltd RWD_QT Datasheet HTML 8Page - rfsolutions.ltd RWD_QT Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
ib technology
5
Command Protocol
The commands are described fully in the following pages. The STATUS, MESSAGE and
PROGRAM EEPROM commands are common to all the Reader modes, the structure and
reply from commands such as READ PAGE can be different depending on which Reader
mode is selected. Generally, command codes (plus optional data bytes) are transmitted to the
RWD which replies with an Acknowledge byte (and data bytes if appropriate). The
Acknowledge code should be read back by the host and decoded to confirm that the command
was received and handled correctly. The serial bit protocol is 9600 baud, 8 bits, 1 stop, no
parity (lsb transmitted first).
The status flags returned in the Acknowledge byte are as follows:
b7 b6 b5 b4 b3 b2 b1 b0
1
1
1
1
1 1 1 1
|
|
|
|
|
EEPROM error (Internal EEPROM write error)
|
|
|
| Tag OK (Tag identity code matched to list)
|
|
| Rx OK (Tag communication and acknowledgement OK)
|
|
RS232 error (Host serial communication error)
|
RELAY Enabled flag
HTRC (or Antenna fault) error flag
Note that bits 6 and 7 are fixed 1’s so that an acknowledge code of CO (Hex) would indicate
NO valid transponder in the RF field, whereas an acknowledge byte of D6 (Hex) would
indicate a correctly matched transponder detected in the field (and no errors).
Note also that only the relevant flags are set after each command as indicated in the protocol
documents.
NOTE:
1) The serial communication uses hardware handshaking to inhibit the host from sending
the Micro RWD commands while Tag interrogation is in progress.
2) Following the Read Tag command, if an error flag has been set in the Acknowledge
code then there will be NO data.
3) The serial communication system and protocol allows for a 10ms ‘window’ every Tag
polling cycle indicated by the BUSY line being low. During this ‘window’ the host
must assert the first start bit and start transmitting data. The BUSY goes high again
10ms after the last stop bit is received.
4) NOTE that only one command sequence is handled at a time.
Tag STATUS
Command to return Tag status. The acknowledge byte flags indicate general Tag status.
B7
B0
Command:
0 1 0 1 0 0 1 1
(ASCII “S”, 0x53)
Acknowledge:
1 1 F F F F F X
(F = Status flags)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com