Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 18 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 18 Page - rfsolutions.ltd

Back Button RWD_QT Datasheet HTML 11Page - rfsolutions.ltd RWD_QT Datasheet HTML 12Page - rfsolutions.ltd RWD_QT Datasheet HTML 13Page - rfsolutions.ltd RWD_QT Datasheet HTML 14Page - rfsolutions.ltd RWD_QT Datasheet HTML 15Page - rfsolutions.ltd RWD_QT Datasheet HTML 16Page - rfsolutions.ltd RWD_QT Datasheet HTML 17Page - rfsolutions.ltd RWD_QT Datasheet HTML 18Page - rfsolutions.ltd RWD_QT Datasheet HTML 19Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
ib technology
18
Micro RWD QT Module specification
Parameter
Typical Value
Supply Voltage
5-volts (+/- 10%)
Operating temperature
-40 deg C to + 85 deg C
AVERAGE current consumption. (1 second polling)
10mA
Active period for RF AND host communication (each
polling cycle).
Up to 40 mS
Peak antenna voltage (optimum tuning)
100 volts peak-to-peak
Peak antenna current (optimum tuning) for short period each
polling cycle (up to 10 mS burst)
150 mA
Polling Delay
0 – 600mS
Current consumption during Polling delay
5mA
Maximum data rate (between card and RWD)
4k baud
Range (dependent on antenna dimensions and tuning)
Up to 150mm
Auxiliary output drives
Up to 25mA
Serial Interface
TTL level RS232
Serial Communication Parameters
9600 baud, 8 data bits, no
parity, 1 stop bit protocol
with CTS handshake
Basic electrical specification with LEDs pins and auxiliary outputs NOT connected.
During the “Polling Delay” period the logic levels on the RWD pins remain active and so for
minimum current consumption, the LEDs and the auxiliary output drives must be
disconnected.
Micro RWD EM4102 module dimensions and pinout
1
13
12
Micro
RWD
24
30.5 mm
18mm
Standard 0.1inch/ 2.54 mm pitch
Pins mounted to hybrid
flush with substrate.
PCB Row Spacing
18.5 mm
Unconnected pin pads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com