Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RWD_QT Datasheet(PDF) 4 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 4 Page - rfsolutions.ltd

  RWD_QT Datasheet HTML 1Page - rfsolutions.ltd RWD_QT Datasheet HTML 2Page - rfsolutions.ltd RWD_QT Datasheet HTML 3Page - rfsolutions.ltd RWD_QT Datasheet HTML 4Page - rfsolutions.ltd RWD_QT Datasheet HTML 5Page - rfsolutions.ltd RWD_QT Datasheet HTML 6Page - rfsolutions.ltd RWD_QT Datasheet HTML 7Page - rfsolutions.ltd RWD_QT Datasheet HTML 8Page - rfsolutions.ltd RWD_QT Datasheet HTML 9Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ib technology
4
Host Driver software
Communication with the MicroRWD module is via the TTL level RS232 interface (9600
baud, 8 bit, 1 stop bit, no parity) and uses the CTS line for hardware handshaking. The
Windows applications (supplied with the Evaluation kit) can be used to communicate with the
module or the user can write their own application on a PC or a microcontroller. The
following basic communication algorithm should be used:-
Typical host computer “pseudo” driver code
if (Green LED ON (pin 2 = 0))
// Optional check for valid tag in field
{
if (CTS = 0)
// Wait for CTS = 0 (RWD ready to receive command / data)
{
// CTS times out after 10ms so command and all parameters must be sent with no-
// gaps otherwise CTS times out and goes HIGH.
// For example, send READ PAGE 1 (0x52 0x01)
SEND_CMD( );
// Sent command + parameters to RWD
// RWD sets CTS = 1 after last parameter received. RWD module enters low-
// power state during (programmable) polling delay then sends reply.
GET_REPLY( );
// Get Acknowledge byte + data
// Response to READ command is 0xC0 (no tag) or 0xD6 + four bytes of DATA.
}
}
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9
5v
0v
idle
START
8 bit data
STOP idle
1
0
TTL levels
5v
0v
5v
0v
5v
0v
RWD
BUSY
RWD
RX
RWD
TX
Ready to Receive
Ready to Receive
RWD cannot receive CMD or DATA
CMD/DATA
CMD/DATA
DATA
Repeated RWD polling cycle and serial communication BUSY protocol
Transmitted or Received data byte, 9600 baud, 8 bit, 1 stop, No parity (104uS per bit)
Polling delay (100mS to 600mS)
100mS default
Host must Transmit CMD/DATA within 10mS of BUSY going low
Busy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com